Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU33UC3WG-TL Datasheet(PDF) 2 Page - Rohm

Part # BU33UC3WG-TL
Description  High accuracy detection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU33UC3WG-TL Datasheet(HTML) 2 Page - Rohm

  BU33UC3WG-TL Datasheet HTML 1Page - Rohm BU33UC3WG-TL Datasheet HTML 2Page - Rohm BU33UC3WG-TL Datasheet HTML 3Page - Rohm BU33UC3WG-TL Datasheet HTML 4Page - Rohm BU33UC3WG-TL Datasheet HTML 5Page - Rohm BU33UC3WG-TL Datasheet HTML 6Page - Rohm BU33UC3WG-TL Datasheet HTML 7Page - Rohm BU33UC3WG-TL Datasheet HTML 8Page - Rohm BU33UC3WG-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TSZ02201-0RBR0A300110-1-2
2/23
29.Jan.2015 Rev.005
BUxxUC3WG series
Datasheet
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
●Connection Diagram
SSOP5
●Pin Descriptions
SSOP5
PIN No.
Symbol
Function
1
VIN
Power Supply Voltage
2
GND
Grounding
3
STBY
ON/OFF control of output voltage
(High: ON, Low: OFF)
4
N.C.
Unconnected Terminal
5
VOUT
Output Voltage
●Ordering Information
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
12
3
0.1
Lot. No
TOP VIEW
VIN
GND STBY
N.C.
VOUT
Marking
BU
x
x
U
C
3
W
G
-
Part
Output Voltage
Low Dropout Voltage
with switch
Package
Packageing and forming specification
Number
10 : 1.0V
Maximum Output Current
G : SSOP5
Embossed tape and reel
300mA
TR : The pin number 1 is the upper right
33 : 3.3V
TL : The pin number 1 is the lower left


Similar Part No. - BU33UC3WG-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU33UA3WNVX-TL ROHM-BU33UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
More results

Similar Description - BU33UC3WG-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7_15 Datasheet
987Kb / 5P
   Exclusive for headlight angle detection with high accuracy and space-saving design
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com