Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLR344F-E2 Datasheet(PDF) 5 Page - Rohm

Part # TLR344F-E2
Description  Low Operating Supply Voltage
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR344F-E2 Datasheet(HTML) 5 Page - Rohm

  TLR344F-E2 Datasheet HTML 1Page - Rohm TLR344F-E2 Datasheet HTML 2Page - Rohm TLR344F-E2 Datasheet HTML 3Page - Rohm TLR344F-E2 Datasheet HTML 4Page - Rohm TLR344F-E2 Datasheet HTML 5Page - Rohm TLR344F-E2 Datasheet HTML 6Page - Rohm TLR344F-E2 Datasheet HTML 7Page - Rohm TLR344F-E2 Datasheet HTML 8Page - Rohm TLR344F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200720-1-2
©2014 ROHM Co., Ltd. All rights reserved.
5/35
19.Mar.2015 Rev.002
TSZ22111・15・001
TLR342xxx
TLR344F
Electrical Characteristics – continued
TLR342xxx (Unless otherwise specified VDD=+5V, VSS=0V)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 12,13)
VIO
25°C
-
0.3
4
mV
-
Full Range
-
-
4.5
Input Offset Voltage Drift
(Note 12,13)
∆VIO/∆T
Full Range
-
1.9
-
μV/°C
-
Input Bias Current
(Note 12)
IB
25°C
-
1
200
pA
-
Input Offset Current
(Note 12)
IIO
25°C
-
1
-
pA
-
Supply Current
IDD
25°C
-
150
300
μA
-
Full Range
-
-
400
Common-mode Rejection Ratio
CMRR
25°C
75
90
-
dB
VICM=0V to 3.9V
Power Supply Rejection Ratio
PSRR
25°C
75
95
-
dB
VDD=1.8V to 5.0V
Input Common-mode
Voltage Range
VICM
25°C
0
-
4.0
V
CMRR ≥70 dB
Large Signal Voltage Gain
Av
25°C
80
110
-
dB
RL=10kΩ, VRL=2.5V
75
105
-
RL=2kΩ, VRL=2.5V
Maximum Output Voltage(High)
VOH
25°C
VDD-0.06 VDD-0.03
-
V
RL=2kΩ, VRL=2.5V
VDD-0.02 VDD-0.01
-
RL=10kΩ, VRL=2.5V
Maximum Output Voltage(Low)
VOL
25°C
-
0.04
0.06
V
RL=2kΩ, VRL=2.5V
-
0.02
0.03
RL=10kΩ, VRL=2.5V
Output Source Current
(Note 14)
ISOURCE
25°C
60
100
-
mA
VOUT=0V, short current
Output Sink Current
(Note 14)
ISINK
25°C
80
120
-
mA
VOUT=5V, short current
Slew Rate
SR
25°C
-
1
-
V/μs
RL=10kΩ, V+IN=2VP-P
Gain Bandwidth
GBW
25°C
-
2.3
-
MHz
CL=200pF, RL=100kΩ
Unity Gain Frequency
fT
25°C
-
1.3
-
MHz
CL=200pF, RL=100kΩ
Phase Margin
θM
25°C
-
55
-
deg
CL=20pF, RL=100kΩ
Gain Margin
GM
25°C
-
7
-
dB
CL=20pF, RL=100kΩ
Input Referred Noise Voltage
VN
25°C
-
33
-
Hz
nV/
f=1kHz
Total Harmonic Distortion
+ Noise
THD+N
25°C
-
0.012
-
%
V+IN=1VP-P, f=1kHz
RL=600Ω,
AV=0dB, DIN-AUDIO
Channel Separation
CS
25°C
-
110
-
dB
AV=40dB, VOUT=1Vrms
(Note 12) Absolute value
(Note 13) Full Range: TA=-40°C to +85°C
(Note 14) Consider the power dissipation of the IC under high temperature environment when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.


Similar Part No. - TLR344F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
TLR344F-E2 ROHM-TLR344F-E2 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR344F-E2 ROHM-TLR344F-E2 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
More results

Similar Description - TLR344F-E2

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVE24EC FS-FTVE24EC Datasheet
246Kb / 4P
   Low operating voltage:
2022. 01. 20 Revision No : 0
logo
Maxim Integrated Produc...
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
logo
Infineon Technologies A...
TLE5009 INFINEON-TLE5009 Datasheet
1Mb / 32P
   3V to 5.5V operating supply voltage
Rev. 1.1, 2012-04
logo
Maxim Integrated Produc...
MAX20471EVKIT MAXIM-MAX20471EVKIT Datasheet
111Kb / 2P
   3.0V to 4.0V Operating Supply Voltage
MAX20014EVKIT MAXIM-MAX20014EVKIT Datasheet
106Kb / 1P
   3.0V to 5.5V Operating Supply Voltage
MAX20414EVKIT MAXIM-MAX20414EVKIT Datasheet
107Kb / 1P
   3V to 5.5V Operating Supply Voltage
logo
M.S. Kennedy Corporatio...
MSK4367 MSK-MSK4367_15 Datasheet
406Kb / 10P
   38 Volt Maximum Operating Supply Voltage
logo
Maxim Integrated Produc...
MAX20019EVKIT MAXIM-MAX20019EVKIT Datasheet
107Kb / 1P
   3.5V to 16V Operating Supply Voltage
MAX20472EVKIT MAXIM-MAX20472EVKIT Datasheet
111Kb / 2P
   3.0V to 4.0V Operating Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com