Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCG-10-4BNC Datasheet(PDF) 2 Page - Tyco Electronics

Part # DCG-10-4BNC
Description  11 dB Directional Coupler 30 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DCG-10-4BNC Datasheet(HTML) 2 Page - Tyco Electronics

  DCG-10-4BNC Datasheet HTML 1Page - Tyco Electronics DCG-10-4BNC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
5-31
11 dB Directional Coupler
DCG-10-4
V2.00
Typical Performance
MAIN LINE LOSS
DIRECTIVITY
COUPLING
VSWR


Similar Part No. - DCG-10-4BNC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCG010 SANYO-DCG010 Datasheet
50Kb / 2P
   Ultrahigh-Speed Switching Diode
DCG015 SANYO-DCG015 Datasheet
42Kb / 2P
   High-Speed Switching Diode
DCG10 SANYO-DCG10 Datasheet
47Kb / 2P
   High-Speed Rectifiers, High-Frequency Rectifiers
logo
IXYS Corporation
DCG100X1200NA IXYS-DCG100X1200NA Datasheet
1Mb / 6P
   Ultra fast switching Zero reverse recovery
DCG10P1200HR IXYS-DCG10P1200HR Datasheet
214Kb / 6P
   Ultra fast switching Zero reverse recovery Phase leg
More results

Similar Description - DCG-10-4BNC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0059-S MACOM-CH20-0059-S Datasheet
18Kb / 1P
   11 dB Directional Coupler 500 - 1000 MHz
CH35-0009-S MACOM-CH35-0009-S Datasheet
15Kb / 1P
   11 dB Directional Coupler 10 - 500 MHz
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
   11 dB Directional Coupler 1500 - 2000 MHz
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
   20 dB, Directional Coupler, 5 - 1000 MHz
logo
Tyco Electronics
CH35-0008-S MACOM-CH35-0008-S Datasheet
15Kb / 1P
   20 dB Directional Coupler 5 - 1000 MHz
CH-140 MACOM-CH-140 Datasheet
120Kb / 2P
   20 dB Directional Coupler 5 - 1000 MHz
CH-138 MACOM-CH-138 Datasheet
128Kb / 2P
   11 dB Bi-directional Coupler 10 - 500 MHz
logo
M/A-COM Technology Solu...
CH-138 MA-COM-CH-138 Datasheet
61Kb / 2P
   11 dB, Bi-Directional Coupler, 10 - 500 MHz
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com