Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM6209FS Datasheet(PDF) 1 Page - Rohm

Part # BM6209FS
Description  Bootstrap operation by floating high side driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6209FS Datasheet(HTML) 1 Page - Rohm

  BM6209FS Datasheet HTML 1Page - Rohm BM6209FS Datasheet HTML 2Page - Rohm BM6209FS Datasheet HTML 3Page - Rohm BM6209FS Datasheet HTML 4Page - Rohm BM6209FS Datasheet HTML 5Page - Rohm BM6209FS Datasheet HTML 6Page - Rohm BM6209FS Datasheet HTML 7Page - Rohm BM6209FS Datasheet HTML 8Page - Rohm BM6209FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Product structure : Semiconductor IC This product is not designed protection against radioactive rays
.
1/27
TSZ02201-0828AB400220-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Dec.2014 Rev.001
TSZ22111 · 14 · 001
http://www.rohm.com
For Air-Conditioner Fan Motor
3-Phase Brushless Fan Motor
Driver
BM6209FS
General Description
This motor driver IC adopts PrestoMOS™ as the output
transistor, and put in a small full molding package with
the 180° sinusoidal commutation controller chip and the
high voltage gate driver chip. The protection circuits for
overcurrent, overheating, under voltage lock out and the
high voltage bootstrap diode with current regulation are
built-in. It provides optimum motor drive system and
downsizing the built-in PCB of the motor.
Features

600V PrestoMOS™ built-in

Output current 2.5A

Bootstrap operation by floating high side driver
(including diode)

180° sinusoidal commutation logic

PWM control (Upper and lower arm switching)

Phase control supported from 0° to +40° at 1°
intervals

Rotational direction switch

FG signal output with pulse number switch (4 or 12)

VREG output (5V/30mA)

Protection circuits provided: CL, OCP, TSD, UVLO,
MLP and the external fault input

Fault output (open drain)
Applications

Air conditioners; air purifiers; water pumps;
dishwashers; washing machines
Key Specifications

Output MOSFET Voltage:
600V

Driver Output Current (DC):
±2.5A (Max)

Driver Output Current (Pulse):
±4.0A (Max)

Output MOSFET DC On Resistance:
1.7Ω (Typ)

Duty Control Voltage Range:
2.1V to 5.4V

Phase Control Range:
0° to +40°

Operating Case Temperature:
-20°C to +100°C

Junction Temperature:
+150°C

Power Dissipation:
3.00W
Package
W (Typ) x D (Typ) x H (Max)
SSOP-A54_36
22.0 mm x 14.1 mm x 2.4 mm
Typical Application Circuit
SSOP-A54_36
Figure 1. Application Circuit Example
R13
VREG
C14
HU
HV
HW
VSP
FG
VCC
GND
M
VDC
R1
R2
R4
R8
C1
C2~C4
C7
C8
C9
C12
D1
C11
R9
R10
R11
R12
R5
C10
R6
R3
C5
C13
DTR
Q1
C6
R7


Similar Part No. - BM6209FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6201FS ROHM-BM6201FS Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6201FS-E2 ROHM-BM6201FS-E2 Datasheet
995Kb / 22P
   600V PrestoMOS??built-in Three phase brushless fan motor driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6202FS-E2 ROHM-BM6202FS-E2 Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
logo
Bookly Micro electronic
BM6203 BOOKLY-BM6203 Datasheet
5Mb / 12P
   LDO
More results

Similar Description - BM6209FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6205FS ROHM-BM6205FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6206FS ROHM-BM6206FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6207FS ROHM-BM6207FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
BM6208FS ROHM-BM6208FS Datasheet
1Mb / 30P
   Bootstrap operation by floating high side driver
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
   Floating channel designed for bootstrap operation
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
   Floating channel designed for bootstrap operation
logo
International Rectifier
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
   Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
   Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
   Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com