Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D40D13 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # D40D13
Description  NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

D40D13 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  D40D13 Datasheet HTML 1Page - Central Semiconductor Corp D40D13 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D40D1
D40D5
D40D11
D40D2
D40D7
D40D13
D40D3
D40D8
D40D14
D40D4
D40D10
NPN SILICON
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR D40D series types
are NPN silicon power transistors designed for amplifier
and switching applications. The PNP complementary
types are the D41D series.
MARKING: FULL PART NUMBER
D40D10
D40D1
D40D11
D40D2
D40D4
D40D7
D40D13
MAXIMUM RATINGS: (TC=25°C)
SYMBOL D40D3
D40D5
D40D8
D40D14
UNITS
Collector-Emitter Voltage
VCES
45
60
75
90
V
Collector-Emitter Voltage
VCEO
30
45
60
75
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Peak Collector Current
ICM
1.5
A
Power Dissipation
PD
6.25
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
20
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=Rated VCES
100
nA
IEBO
VEB=5.0V
100
nA
BVCEO
lC=10mA (D40D1, 2, 3)
30
V
BVCEO
lC=10mA (D40D4, 5)
45
V
BVCEO
lC=10mA (D40D7, 8)
60
V
BVCEO
lC=10mA (D40D10, 11, 13, 14)
75
V
VCE(SAT)
lC=500mA, IB=50mA (D40D1, 2, 4, 5)
0.5
V
VCE(SAT)
lC=500mA, IB=50mA (D40D7, 8, 10, 11, 13, 14)
1.0
V
VBE(SAT)
lC=500mA, IB=50mA
1.5
V
D40D1
D40D4
D40D5
D40D7
D40D8
D40D10
D40D11
D40D13
D40D2
D40D3
D40D14
MIN MAX
MIN MAX
MIN MAX
MIN MAX
hFE
VCE=2.0V, IC=100mA
50
150
120
360
290
-
120
360
hFE
VCE=2.0V, IC=1.0A
(Except D40D13, 14)
10
-
20
-
10
-
10
-
TO-202 CASE
R1 (23-January 2012)
www.centr a lsemi.com


Similar Part No. - D40D13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D40D1 ETC1-D40D1 Datasheet
356Kb / 3P
   NPN POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
D40D1 NJSEMI-D40D1 Datasheet
716Kb / 2P
   NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
D40D10C ETC-D40D10C Datasheet
214Kb / 2P
   NPN Transistors
D40D11C ETC-D40D11C Datasheet
214Kb / 2P
   NPN Transistors
More results

Similar Description - D40D13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com