Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXF50FF3 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # SXF50FF3
Description  High Voltage Diodes - Surface Mount High Voltage Diodes - Surface Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SXF50FF3 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  SXF50FF3 Datasheet HTML 1Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Dimensions: In. (mm)
All temperatures are ambient unless otherwise noted.
Data subject to change without notice.
Tel:
559.651.1402
Fax:
559.651.0740
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
8711 W. Roosevelt Ave.
Visalia, CA 93291 USA
Voltage Multipliers Inc.
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
θ L-
J
n
o
i
t
c
n
u
J
.
p
a
C
C
D
V
0
5
@
z
H
k
1
@
)
j
C
(
s
g
n
i
k
r
a
M
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°F
p
3
F
F
0
5
F
M
S0
0
0
50
4
0
.
00
2
0
.
01
.
00
15
.
2
10
4
0
.
00
.
20
4
.
0)
3
(
0
30
20
.
13
F
F
0
5
M
3
F
F
0
5
F
X
S0
0
0
50
5
1
.
05
7
0
.
00
.
10
25
.
2
10
5
1
.
00
10
0
.
1)
4
(
0
37
0
.
33
F
F
0
5
X
High Voltage Diodes - Surface Mount
0.04A - 0.15A • 30ns
(1)TC=55°C (2)TC=100°C (3)If=12.5mA, Ir=25mA, Irr=6.3mA (4) If=125mA, Ir=250mA, Irr=63mA
*Op.Temp.= -65°C to +175°C Stg.Temp.= -65°C to +200°C
Tolerance:
.XXX ±.005
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Original Released: 01-01-08
Revised Date: 03-04-11


Similar Part No. - SXF50FF3

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SXF50FF3 VMI-SXF50FF3 Datasheet
75Kb / 1P
   High Voltage Diodes - Surface Mount 0.04A - 0.15A ??30ns
More results

Similar Description - SXF50FF3

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
SXF6521 GETEDZ-SXF6521 Datasheet
517Kb / 2P
   High Voltage Surface Mount Diodes
logo
DONGGUAN YOU FENG WEI E...
MT08 YFWDIODE-MT08 Datasheet
389Kb / 2P
   High voltage surface mount diodes
SP5L YFWDIODE-SP5L Datasheet
383Kb / 2P
   High voltage surface mount diodes
logo
GETAI ELECTRONICS DEVIC...
SXF6523 GETEDZ-SXF6523 Datasheet
518Kb / 2P
   High Voltage Surface Mount Diodes
logo
New Jersey Semi-Conduct...
1N6513US NJSEMI-1N6513US Datasheet
307Kb / 1P
   HIGH VOLTAGE DIODES - SURFACE MOUNT
logo
DONGGUAN YOU FENG WEI E...
MT0850 YFWDIODE-MT0850 Datasheet
530Kb / 2P
   High voltage surface mount diodes
logo
GETAI ELECTRONICS DEVIC...
SXF6525 GETEDZ-SXF6525 Datasheet
514Kb / 2P
   High Voltage Surface Mount Diodes
logo
Pan Jit International I...
BAV201 PANJIT-BAV201_09 Datasheet
87Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV101 PANJIT-BAV101_09 Datasheet
81Kb / 3P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com