Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB200UFA Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # SPB200UFA
Description  Single Phase Bridge - High Voltage SPB Series 2.0A ??70ns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SPB200UFA Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  SPB200UFA Datasheet HTML 1Page - Voltage Multipliers Inc. SPB200UFA Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
85
9
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
25
50
75
100
125
150
1
10
100
1000
25
50
75
100
125
150
Ambient Temperature (°C)
Forward Current (A)
Temperature (°C)
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
SPB50UF SPB100UF SPB150UF SPB200UF
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
SPB200UF
SPB100UF
SPB150UF
SPB50UF


Similar Part No. - SPB200UFA

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SPB200UFA VMI-SPB200UFA Datasheet
39Kb / 2P
   5,000 V - 20,000 V Single Phase Bridge 2.0 A Forward Current 70 ns Recovery Time
More results

Similar Description - SPB200UFA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20 Datasheet
56Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
   2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
2W005 WTE-2W005_06 Datasheet
52Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
   2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
RB200 WTE-RB200_06 Datasheet
58Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBA20 SANYO-DBA20 Datasheet
42Kb / 2P
   2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
   2.0A Single-Phase Bridge Rectifier
June, 2014
logo
Won-Top Electronics
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com