Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2400 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2400
Description  24-Bit Power No Latency ADC in SO-8
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2400 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2400_15 Datasheet HTML 2Page - Linear Technology LTC2400_15 Datasheet HTML 3Page - Linear Technology LTC2400_15 Datasheet HTML 4Page - Linear Technology LTC2400_15 Datasheet HTML 5Page - Linear Technology LTC2400_15 Datasheet HTML 6Page - Linear Technology LTC2400_15 Datasheet HTML 7Page - Linear Technology LTC2400_15 Datasheet HTML 8Page - Linear Technology LTC2400_15 Datasheet HTML 9Page - Linear Technology LTC2400_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
LTC2400
RMS Noise vs Reference Voltage
Offset Error vs VCC
Offset Error vs Temperature
Noise Histogram
Full-Scale Error vs Temperature
Full-Scale Error
vs Reference Voltage
RMS Noise vs Code Out
Full-Scale Error vs VCC
RMS Noise vs VCC
TYPICAL PERFOR A CE CHARACTERISTICS
REFERENCE VOLTAGE (V)
0
10
15
4
2400 G10
5
0
1
2
3
5
20
VCC = 5V
TA = 25°C
VCC
2.7
0
2.5
5.0
3.2
3.7
4.2
4.7
2400 G12
5.2
VREF = 2.5V
TA = 25°C
OUTPUT CODE (ppm)
0
500
1000
1500
VCC = 5V
VREF = 5V
VIN = 0V
– 0.5
0
0.5
1.0
2400 G14
1.5
–1.0
CODE OUT (HEX)
0
0.50
0.75
FFFFFF
2400 G18
0.25
0
7FFFFF
1.00
VCC = 5V
VREF = 5V
VIN = – 0.3V TO 5.3V
TA = 25°C
TEMPERATURE (
°C)
–55
– 5.0
– 2.5
0
2.5
5.0
–30
– 5
20
45
2400 G13
70
95
120
VCC = 5V
VREF = 5V
VIN = 0V
TEMPERATURE (
°C)
–55
– 5.0
– 2.5
0
2.5
5.0
–30
– 5
20
45
2400 G15
70
95
120
VCC = 5V
VREF = 5V
VIN = 5V
REFERENCE VOLTAGE (V)
0
5.0
7.5
4
2400 G16
2.5
0
1
2
3
5
10.0
VCC = 5V
VIN = VREF
VCC
2.7
0
2
1
3
5
4
6
3.2
3.7
4.2
4.7
2400 G17
5.2
VREF = 2.5V
VIN = 2.5V
TA = 25°C
VCC
2.7
– 5.0
– 2.5
0
2.5
5.0
3.2
3.7
4.2
4.7
2400 G11
5.2
VREF = 2.5V
TA = 25°C


Similar Part No. - LTC2400_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2400C LINER-LTC2400C Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
LTC2400CS8 LINER-LTC2400CS8 Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
LTC2400I LINER-LTC2400I Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
LTC2400IS8 LINER-LTC2400IS8 Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
More results

Similar Description - LTC2400_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2400 LINER-LTC2400 Datasheet
455Kb / 40P
   24-Bit uPower No Latency ADC in SO-8
LTC2420 LINER-LTC2420 Datasheet
186Kb / 12P
   20-Bit uPower No Latency ADC in SO-8
LTC2420 LINER-LTC2420_15 Datasheet
367Kb / 28P
   20-Bit mPower No Latency ADC in SO-8
LTC2420 LINER-LTC2420_09 Datasheet
395Kb / 36P
   20-Bit mPower No Latency DSTM ADC in SO-8
LTC2408 LINER-LTC2408_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2404 LINER-LTC2404_15 Datasheet
370Kb / 36P
   4-/8-Channel 24-Bit Power No Latency ADCs
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2401 LINER-LTC2401 Datasheet
171Kb / 12P
   1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10
LTC2411 LINER-LTC2411 Datasheet
489Kb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com