Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT90-1283 Datasheet(PDF) 5 Page - Tyco Electronics

Part # AT90-1283
Description  Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT90-1283 Datasheet(HTML) 5 Page - Tyco Electronics

  AT90-1283 Datasheet HTML 1Page - Tyco Electronics AT90-1283 Datasheet HTML 2Page - Tyco Electronics AT90-1283 Datasheet HTML 3Page - Tyco Electronics AT90-1283 Datasheet HTML 4Page - Tyco Electronics AT90-1283 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 3.5 GHz
AT90-1283
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
Typical Performance Curves
5
Ordering Information
Part Number
Package
AT90-1283
Bulk Packaging
AT90-1283TR
Tape and Reel (1K Reel)
AT90-1283-TB
Units Mounted on Test Board
VSWR, 8 dB Bit
VSWR, Maximum Attenuation
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Input
Output
1.0
1.2
1.4
1.6
1.8
0
500
1000
1500
2000
2500
3000
3500
Frequency (MHz)
Input
Output


Similar Part No. - AT90-1283

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1283 MACOM-AT90-1283 Datasheet
222Kb / 4P
   Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
logo
M/A-COM Technology Solu...
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-1283-TB MACOM-AT90-1283-TB Datasheet
222Kb / 4P
   Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
logo
M/A-COM Technology Solu...
AT90-1283-TB MA-COM-AT90-1283-TB Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-1283TR MACOM-AT90-1283TR Datasheet
222Kb / 4P
   Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
More results

Similar Description - AT90-1283

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-0283 MA-COM-AT90-0283 Datasheet
163Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
MAATCC0014 MA-COM-MAATCC0014 Datasheet
164Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com