Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD63510EFV Datasheet(PDF) 1 Page - Rohm

Part # BD63510EFV
Description  CLK-IN drive mode
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63510EFV Datasheet(HTML) 1 Page - Rohm

  BD63510EFV Datasheet HTML 1Page - Rohm BD63510EFV Datasheet HTML 2Page - Rohm BD63510EFV Datasheet HTML 3Page - Rohm BD63510EFV Datasheet HTML 4Page - Rohm BD63510EFV Datasheet HTML 5Page - Rohm BD63510EFV Datasheet HTML 6Page - Rohm BD63510EFV Datasheet HTML 7Page - Rohm BD63510EFV Datasheet HTML 8Page - Rohm BD63510EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
○Product structure:silicon monolithic integrated circuit ○It is not the radiation-proof design for this product.
1/22
TSZ02201-0P2P0B700690-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
18.Mar.2014 Rev.001
www.rohm.com
TSZ22111・14・001
Stepping Motor Driver series
Micro step 36V
Stepping Motor Drivers
BD63510EFV
●General Description
BD63510EFV series are stepping motor drivers of 1/16
micro step(sixteenth step) drive. As for its basic
function, it is a low power consumption bipolar PWM
constant current-drive driver with power supply rated
voltage of 36V and rated output current (DC) of 1.0A.
The input interface is CLK-IN type.
There are step modes of Full step & Half step, Quarter
step, Sixteenth step mode by internal DAC (D-A
converter), and for current decay mode, the ratio of
FAST DECAY & SLOW DECAY can be freely set, so the
optimum control conditions for every motor can be
realized. In addition, being able to drive with one system
of power supply makes contribution to the set design’s
getting easy.
● Features
1) Single power supply input (rated voltage of 36V)
2) Rated output current:(DC) 1.0A
3) Low ON resistance DMOS output
4) CLK-IN drive mode
5) PWM constant current control (other oscillation)
6) Built-in spike noise cancel function (external noise
filter is unnecessary)
7) Full step, Half step, Quarter step, Sixteenth step
drive
8) Timing free for changing step modes
9) Current decay mode switching function (linearly
variable FAST/SLOW DECAY ratio)
10) Normal rotation & reverse rotation switching
function
11) Power save function
12) Built-in logic input pull-down resistor
13) Power-on reset function
14) Thermal shutdown circuit (TSD)
15) Over current protection circuit (OCP)
16) Under voltage lock out circuit (UVLO)
17) Over voltage lock out circuit (OVLO)
18) Ghost Supply Prevention (protects against
malfunction when power supply is disconnected)
19) Adjacent pins short protection
20) Inverted mounting protection
21) Microminiature, ultra-thin and high heat-radiation
(exposed metal type) HTSSOP-B28 package
● Application
PPC, multi-function printer, laser beam printer, and
ink-jet printer
Monitoring camera and WEB camera
Sewing machine
Photo printer, FAX, scanner and mini printer
Toy and robot
● Major Characteristics
Range of power supply voltage
Rated output current
Rated output current (peak)
Range of operating temperature
Output ON resistance (total of upper
and lower resistors)
8~28 [V]
1.0 [A]
1.5 [A]
-25~+85 [℃]
1.75
[Ω] (Typ.)
● Package
W(Typ.) x D(Typ.)x H(Max.)
HTSSOP-B28
9.70mm x 6.40mm x 1.00mm
● Basic application circuit
Figure 1. BD63510EFV application circuit diagram
10
CR
12
MTH
17
TEST1
6
VCC1
2
OUT1B
5
OUT1A
3
RNF1
22
VCC2
24
OUT2A
1
GND
27
OUT2B
26
RNF2
RNF1S
4
RNF2S
25
15
CLK
18
MODE0
19
MODE1
16
CW_CCW
20
ENABLE
VREF 13
9
GND
14
PS
11
TEST0
Datasheet


Similar Part No. - BD63510EFV

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD635 ISC-BD635 Datasheet
246Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BD635 NJSEMI-BD635 Datasheet
123Kb / 2P
   Silicon NPN Power Transistor
logo
Rohm
BD63520AEFV ROHM-BD63520AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63520AEFV-E2 ROHM-BD63520AEFV-E2 Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63521EFV ROHM-BD63521EFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
More results

Similar Description - BD63510EFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62262FTAG TOSHIBA-TB62262FTAG Datasheet
542Kb / 21P
   CLK-in controlled Bipolar Stepping Motor Driver
2017-02-17
logo
Integrated Device Techn...
8745B-21 IDT-8745B-21 Datasheet
322Kb / 19P
   Differential CLK
logo
Toshiba Semiconductor
TB62269FTG TOSHIBA-TB62269FTG Datasheet
975Kb / 27P
   PWM method CLK-IN bipolar stepping motor driver
logo
TE Connectivity Ltd
CAT-ATS0030 TEC-CAT-ATS0030 Datasheet
100Kb / 1P
   DRIVE MODE SENSOR
logo
Holt Integrated Circuit...
HI-8105 HOLTIC-HI-8105 Datasheet
111Kb / 5P
   PROGRAMMABLE DIVIDER WITH OSC OR CLK
logo
Integrated Device Techn...
86004I IDT-86004I Datasheet
231Kb / 13P
   CLK accepts the following input levels
logo
Maxim Integrated Produc...
MAXFILTERBRD MAXIM-MAXFILTERBRD Datasheet
718Kb / 5P
   CLK Pad for External Clock Frequency
19-4884; Rev 0; 8/09
logo
Integrated Silicon Solu...
IS43R16800CC ISSI-IS43R16800CC Datasheet
748Kb / 37P
   Commands entered on each positive CLK edge
logo
Integrated Device Techn...
8312I IDT-8312I Datasheet
234Kb / 18P
   CLK input supports the following input types
logo
Axiomtek Co., Ltd.
MPC225-851-FL AXIOMTEK-MPC225-851-FL Datasheet
370Kb / 2P
   Built-in Super Multi drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com