Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8266EFV-M Datasheet(PDF) 2 Page - Rohm

Part # BD8266EFV-M
Description  Built-in thermal shutdown circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8266EFV-M Datasheet(HTML) 2 Page - Rohm

  BD8266EFV-M Datasheet HTML 1Page - Rohm BD8266EFV-M Datasheet HTML 2Page - Rohm BD8266EFV-M Datasheet HTML 3Page - Rohm BD8266EFV-M Datasheet HTML 4Page - Rohm BD8266EFV-M Datasheet HTML 5Page - Rohm BD8266EFV-M Datasheet HTML 6Page - Rohm BD8266EFV-M Datasheet HTML 7Page - Rohm BD8266EFV-M Datasheet HTML 8Page - Rohm BD8266EFV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Datasheet
Datasheet
2/22
TSZ02201-0G1G0BK00070-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
24.Apr.2014 Rev.009
www.rohm.com
TSZ22111・15・001
BD8266EFV-M
●Pin Configuration (TOPVIEW)
●Pin Description
(TOP VIEW)
Figure 2. Pin Configuration
●Block Diagram
Figure 3. Block Diagram
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
PowVCC1
IN1
PowGND1
VO1(-)
VO1(+)
VO2(-)
VO2(+)
VO3(-)
VO3(+)
VO4(-)
VO4(+)
PowGND2
PowVCC2
CNT
IN2-1
IN2-2
BIAS
IN3
IN4
MUTE
PreGND
PRTC
VREG
PRTOUT
NO.
Signal
Function
1
PowVCC1
CH1,2 Power Supply Input
2
PowGND1
Power GND1
3
VO1(-)
Driver CH1 negative output
4VO1(+)
Driver CH1 positive output
5
VO2(-)
Driver CH2 negative output
6
VO2(+)
Driver CH2 positive output
7
VO3(-)
Driver CH3 negative output
8
VO3(+)
Driver CH3 positive output
9
VO4(-)
Driver CH4 negative output
10
VO4(+)
Driver CH4 positive output
11
PowGND2
Power GND2
12
PowVCC2
CH3,4 Power Supply Input
13
PRTOUT
Output overcurrent protection flag
14
VREG
Power output for internal logic
15
PRTC
Overcurrent protection function ON time setting
16
PreGND
Pre part GND
17
MUTE
Mute
18
IN4
CH4 (FC:FOCUS) input
19
IN3
CH3 (TK:TRACKING) input
20
BIAS
BIAS input
21
IN2-2
CH2-2 (LD:LOADING) input
22
IN2-1
CH2-1 (SL:SLED)input
23
CNT
Control input
24
IN1
IN1 (SP:SPINDLE)input


Similar Part No. - BD8266EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8266EFV-ME2 ROHM-BD8266EFV-ME2 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
More results

Similar Description - BD8266EFV-M

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Sanken electric
SLA2602M SANKEN-SLA2602M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA2601M SANKEN-SLA2601M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
STMicroelectronics
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com