Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1702A Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1702A
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702A Datasheet(HTML) 1 Page - Linear Technology

  LTC1702A_15 Datasheet HTML 1Page - Linear Technology LTC1702A_15 Datasheet HTML 2Page - Linear Technology LTC1702A_15 Datasheet HTML 3Page - Linear Technology LTC1702A_15 Datasheet HTML 4Page - Linear Technology LTC1702A_15 Datasheet HTML 5Page - Linear Technology LTC1702A_15 Datasheet HTML 6Page - Linear Technology LTC1702A_15 Datasheet HTML 7Page - Linear Technology LTC1702A_15 Datasheet HTML 8Page - Linear Technology LTC1702A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
LTC1702A
1702afa
Dual 550kHz Synchronous
2-Phase Switching Regulator Controller
The LTC
®1702A is a dual switching regulator controller
optimized for high efficiency with low input voltages. It
includestwocomplete,on-chip,independentswitchingregu-
lator controllers each designed to drive a pair of external N-
channel MOSFETs in a voltage mode feedback, synchronous
buck configuration. The LTC1702A uses a constant-fre-
quency, true PWM design switching at 550kHz, minimizing
external component size and cost and maximizing load
transient performance. The synchronous buck architecture
automatically shifts to discontinuous and then to Burst
Mode
® operation as the output load decreases, ensuring
maximum efficiency over a wide range of load currents.
The LTC1702A features an onboard reference trimmed to
0.5% and can provide better than 1% regulation at the
converteroutputs.Open-drainlogicoutputsindicatewhether
either output has risen to within 5% of the final output voltage
and an optional latching FAULT mode protects the load if the
output rises 15% above the intended voltage. Each channel
can be enabled independently; with both channels disabled,
the LTC1702A shuts down and supply current drops below
100
µA.
Pin Compatible with the LTC1702 with Improved
Current Limit Control
Two Sides Run Out-of-Phase to Minimize CIN
No External Current Sense Resistors
Excellent Output Regulation: 1% Total Output
Accuracy
Two Independent Controllers in One Package
All N-Channel External MOSFET Architecture
550kHz Switching Frequency Minimizes External
Component Size
1A to 25A Output Current per Channel
High Efficiency over Wide Load Current Range
Less Than 100
µA Shutdown Current
Small 24-Pin Narrow SSOP Package
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other trademarks
are the property of their respective owners. Protected by U.S. Patents including 6144194.
Microprocessor, DSP Core and I/O Supplies
Multiple Logic Supply Generator
Distributed Power Applications
High Efficiency Power Conversion
Dual Output High Power 3.3V/2.5V Logic Supply
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
LTC1702A
PVCC
BOOST1
BG1
TG1
SW1
IMAX1
PGOOD1
FCB
RUN/SS
COMP1
SGND
FB1
IMAX2
BOOST2
BG2
TG2
SW2
PGND
PGOOD2
FAULT
RUN/SS2
COMP2
FB2
VCC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
µF
10
1
µF
1
µF
11.8k
11.8k
1.6k
68k
1702 TA01
VIN
1.2k
10k
1%
COUT1
180
µF
×4
820pF
27pF
680pF
47k
1
µF
VOUT1
2.5V
AT 15A
1
µF
4.75k
1%
Q2
Q1
Q4
Q3
D3
D2
COUT1, COUT2: PANASONIC EEFUE0G181R
CIN: KEMET TS10X337M010AS
D1, D2: MOTOROLA MBR0520LT1
D3, D4: MOTOROLA MBRS320T3
L1, L2: SUMIDA CEP125-1R0
Q1 TO Q8: FAIRCHILD FDS6670A
D1
PWRGD1
L1
1
µH
+
10
µF
10
µF
1
µF
VIN = 5V ±10%
1
µF
CIN
330
µF
×3
+
Q7
Q5
Q8
Q6
D4
680pF
27pF
3300pF
15.8k
1%
4.99k
1%
10k
L2
1
µH
COUT2
180
µF
×4
1
µF
VOUT2
3.3V
AT 15A
PWRGD2
FAULT
+
VIN
10k


Similar Part No. - LTC1702A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1702ACGN LINER-LTC1702ACGN Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702AIGN LINER-LTC1702AIGN Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
More results

Similar Description - LTC1702A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728L-1 LINER-LTC3728L-1 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728L-1 LINER-LTC3728L-1_15 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728 LINER-LTC3728_15 Datasheet
1Mb / 36P
   Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC3728 LINER-LTC3728 Datasheet
676Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com