Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3695 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3695
Description  1A Fault Tolerant Micropower Step-Down Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3695 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3695_15 Datasheet HTML 4Page - Linear Technology LT3695_15 Datasheet HTML 5Page - Linear Technology LT3695_15 Datasheet HTML 6Page - Linear Technology LT3695_15 Datasheet HTML 7Page - Linear Technology LT3695_15 Datasheet HTML 8Page - Linear Technology LT3695_15 Datasheet HTML 9Page - Linear Technology LT3695_15 Datasheet HTML 10Page - Linear Technology LT3695_15 Datasheet HTML 11Page - Linear Technology LT3695_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LT3695 Series
8
3695fa
Maximum VIN for Full Frequency
VC Voltages
Switching Waveforms,
60V Input Voltage Transient
Switching Waveforms,
Burst Mode Operation
Switching Waveforms,
Transition from Burst Mode
Operation to Full Frequency
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, unless otherwise noted.
LOAD CURRENT(A)
3695 G31
0
30
35
1
20
25
15
10
5
0.1 0.2 0.3 0.4 0.5
0.7
0.9
0.8
0.6
40
TA = 85˚C
TA = 25˚C
VOUT = 5V
L = 4.7μH
f = 2MHz
SYNC = 5V
Switching Waveforms,
Full Frequency Continuous
Operation
TEMPERATURE (°C)
–50
2.5
1.5
0.5
2.0
1.0
0
050
–25
25
100
3695 G32
150
75
125
CURRENT LIMIT CLAMP
SWITCHING THRESHOLD
5ms/DIV
VSW
10V/DIV
VOUT
5V/DIV
VIN
20V/DIV
VIN = 12V, FRONT PAGE APPLICATION
ILOAD = 500mA
3695 G33
5μs/DIV
VSW
5V/DIV
VOUT
20mV/DIV
IL
0.2A/DIV
VIN = 12V, FRONT PAGE APPLICATION
ILOAD = 5mA
3695 G34
1μs/DIV
VSW
5V/DIV
VOUT
20mV/DIV
IL
0.2A/DIV
3695 G35
VIN = 12V, FRONT PAGE APPLICATION
ILOAD = 55mA
1μs/DIV
VSW
5V/DIV
VOUT
20mV/DIV
IL
0.5A/DIV
3695 G36
VIN = 12V, FRONT PAGE APPLICATION
ILOAD = 500mA
Maximum VIN for Full Frequency
Maximum VIN for Full Frequency
LOAD CURRENT(A)
0
30
35
1
3695 G29
20
25
15
10
5
0.1 0.2 0.3 0.4 0.5
0.7
0.9
0.8
0.6
40
TA = 85˚C
VOUT = 3.3V
L = 10μH
f = 800kHz
SYNC = 3.3V
TA = 25˚C
LOAD CURRENT(A)
3695 G30
0
30
35
1
20
25
15
10
5
0.1 0.2 0.3 0.4 0.5
0.7
0.9
0.8
0.6
40
TA = 85˚C
VOUT = 5V
L = 10μH
f = 800kHz
SYNC = 5V
TA = 25˚C
LOAD CURRENT (mA)
1
5.5
5.0
6.0
1000
3695 G28
4.5
4
10
100
6.5
VOUT = 5V
L = 10μH
f = 800kHz
Minimum Input Voltage


Similar Part No. - LT3695_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3695EMSEPBF LINER-LT3695EMSEPBF Datasheet
304Kb / 28P
   1A Fault Tolerant Micropower Step-Down Regulator
LT3695EMSETRPBF LINER-LT3695EMSETRPBF Datasheet
304Kb / 28P
   1A Fault Tolerant Micropower Step-Down Regulator
LT3695HMSEPBF LINER-LT3695HMSEPBF Datasheet
304Kb / 28P
   1A Fault Tolerant Micropower Step-Down Regulator
LT3695HMSETRPBF LINER-LT3695HMSETRPBF Datasheet
304Kb / 28P
   1A Fault Tolerant Micropower Step-Down Regulator
LT3695IMSEPBF LINER-LT3695IMSEPBF Datasheet
304Kb / 28P
   1A Fault Tolerant Micropower Step-Down Regulator
More results

Similar Description - LT3695_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3695 LINER-LT3695 Datasheet
304Kb / 28P
   1A Fault Tolerant Micropower Step-Down Regulator
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
   100V, 1A Synchronous Micropower Step-Down Regulator
LT3682 LINER-LT3682 Datasheet
252Kb / 24P
   1A Micropower Step-Down
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Linear Technology
LTC3637 LINER-LTC3637_15 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com