Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRS72N10K Datasheet(PDF) 7 Page - SemiHow Co.,Ltd.

Part # HRS72N10K
Description  100V N-Channel Trench MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRS72N10K Datasheet(HTML) 7 Page - SemiHow Co.,Ltd.

  HRS72N10K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRS72N10K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRS72N10K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRS72N10K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRS72N10K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRS72N10K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRS72N10K Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
◎ SEMIHOW REV.A0,December 2014
Package Dimension
0.70±0.20
±0.20
2.54typ
0.80±0.20
1.47max
2.54±0.20
±0.20
0.50±0.20
2.76±0.20
2.54typ
φ3.1
8±0.
20
TO-220F


Similar Part No. - HRS72N10K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRS70N06K SEMIHOW-HRS70N06K Datasheet
765Kb / 7P
   60V N-Channel Trench MOSFET
logo
SHENZHEN DOINGTER SEMIC...
HRS70N06K DOINGTER-HRS70N06K Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HRS75N07V SEMIHOW-HRS75N07V Datasheet
203Kb / 7P
   70V N-Channel Trench MOSFET
December 2014
HRS75N75V SEMIHOW-HRS75N75V Datasheet
204Kb / 7P
   70V N-Channel Trench MOSFET
More results

Similar Description - HRS72N10K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP82N10K SEMIHOW-HRP82N10K Datasheet
878Kb / 8P
   100V N-Channel Trench MOSFET
logo
Wuxi Unigroup Microelec...
TMP140N10A WUMC-TMP140N10A Datasheet
912Kb / 7P
   100V N-Channel Trench MOSFET
TMP160N10A WUMC-TMP160N10A Datasheet
912Kb / 7P
   100V N-Channel Trench MOSFET
logo
SemiHow Co.,Ltd.
HRP120N10K SEMIHOW-HRP120N10K Datasheet
1Mb / 8P
   100V N-Channel Trench MOSFET
HRW82N10K SEMIHOW-HRW82N10K Datasheet
884Kb / 6P
   100V N-Channel Trench MOSFET
HRLP120N10H SEMIHOW-HRLP120N10H Datasheet
491Kb / 7P
   100V N-Channel Trench MOSFET
HRP49N10H SEMIHOW-HRP49N10H Datasheet
454Kb / 7P
   100V N-Channel Trench MOSFET
HRP180N10K SEMIHOW-HRP180N10K Datasheet
921Kb / 8P
   100V N-Channel Trench MOSFET
HRP370N10K SEMIHOW-HRP370N10K Datasheet
954Kb / 8P
   100V N-Channel Trench MOSFET
HRS82N10K SEMIHOW-HRS82N10K Datasheet
923Kb / 7P
   100V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com