Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRP140N06K Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HRP140N06K
Description  60V N-Channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRP140N06K Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HRP140N06K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRP140N06K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRP140N06K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRP140N06K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRP140N06K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRP140N06K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRP140N06K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRP140N06K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
◎ SEMIHOW REV.A0,December 2014
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
-1
10
0
10
1
0
500
1000
1500
2000
2500
3000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
10
20
30
40
50
0
2
4
6
8
10
12
V
DS = 48V
I
D = 15A
Q
G, Total Gate Charge [nC]
10
0
10
1
10
1
10
2
V
GS
Top :
15 V
10 V
8 V
7 V
6 V
5.5 V
5 V
Bottom : 4.5 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
0
20
40
60
80
100
120
140
8
12
16
20
V
GS = 10V
∗ Note : T
J = 25
oC
I
D, Drain Current [A]
2
4
6
8
10
0.1
1
10
100
25
oC
* Notes :
1. V
DS= 20V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
175
oC
0.0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
175
oC


Similar Part No. - HRP140N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP100N08K SEMIHOW-HRP100N08K Datasheet
889Kb / 8P
   80V N-Channel Trench MOSFET
HRP105N15H SEMIHOW-HRP105N15H Datasheet
171Kb / 7P
   Enhanced Avalanche Ruggedness
HRP120N10K SEMIHOW-HRP120N10K Datasheet
1Mb / 8P
   100V N-Channel Trench MOSFET
logo
VBsemi Electronics Co.,...
HRP120N10K VBSEMI-HRP120N10K Datasheet
1Mb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
HRP120N10K DOINGTER-HRP120N10K Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - HRP140N06K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRLF43N06H SEMIHOW-HRLF43N06H Datasheet
538Kb / 7P
   60V N-Channel Trench MOSFET
HRLO60N06H SEMIHOW-HRLO60N06H Datasheet
574Kb / 8P
   60V N-Channel Trench MOSFET
HRS370N10K SEMIHOW-HRS370N10K Datasheet
946Kb / 7P
   60V N-Channel Trench MOSFET
HRP45N06K SEMIHOW-HRP45N06K Datasheet
1Mb / 8P
   60V N-Channel Trench MOSFET
HRP58N06K SEMIHOW-HRP58N06K Datasheet
891Kb / 8P
   60V N-Channel Trench MOSFET
HRP70N06K SEMIHOW-HRP70N06K Datasheet
853Kb / 8P
   60V N-Channel Trench MOSFET
HRP130N06K SEMIHOW-HRP130N06K Datasheet
981Kb / 8P
   60V N-Channel Trench MOSFET
HRP39N06K SEMIHOW-HRP39N06K Datasheet
951Kb / 8P
   60V N-Channel Trench MOSFET
logo
Nexperia B.V. All right...
PMV230ENEA NEXPERIA-PMV230ENEA Datasheet
736Kb / 16P
   60V, N-channel Trench MOSFET
logo
SemiHow Co.,Ltd.
HRP80N06K SEMIHOW-HRP80N06K Datasheet
980Kb / 8P
   60V N-Channel Trench MOSFET
HRLF53N06H SEMIHOW-HRLF53N06H Datasheet
575Kb / 7P
   60V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com