Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRP100N08K Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HRP100N08K
Description  80V N-Channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRP100N08K Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HRP100N08K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRP100N08K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRP100N08K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRP100N08K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRP100N08K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRP100N08K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRP100N08K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRP100N08K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
◎ SEMIHOW REV.A0,December 2014
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
0
10
1
10
1
10
2
V
GS
Top :
15 V
10 V
8 V
7 V
6 V
5.5 V
5 V
Bottom : 4.5 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
10
-1
10
0
10
1
0
2000
4000
6000
8000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
175
oC
0
30
60
90
120
150
8.0
8.5
9.0
9.5
10.0
10.5
11.0
V
GS = 10V
∗ Note : T
J = 25
oC
I
D, Drain Current [A]
0
20
40
60
80
0
2
4
6
8
10
12
V
DS = 64V
I
D = 30A
Q
G, Total Gate Charge [nC]
2
4
6
8
10
0.1
1
10
100
25
oC
* Notes :
1. V
DS= 20V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
175
oC


Similar Part No. - HRP100N08K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP105N15H SEMIHOW-HRP105N15H Datasheet
171Kb / 7P
   Enhanced Avalanche Ruggedness
More results

Similar Description - HRP100N08K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP80N08K SEMIHOW-HRP80N08K Datasheet
944Kb / 8P
   80V N-Channel Trench MOSFET
HRP85N08K SEMIHOW-HRP85N08K Datasheet
781Kb / 8P
   80V N-Channel Trench MOSFET
HRS56N08K SEMIHOW-HRS56N08K Datasheet
984Kb / 7P
   80V N-Channel Trench MOSFET
HRS80N08K SEMIHOW-HRS80N08K Datasheet
939Kb / 7P
   80V N-Channel Trench MOSFET
HRS85N08K SEMIHOW-HRS85N08K Datasheet
854Kb / 7P
   80V N-Channel Trench MOSFET
HRP45N08K SEMIHOW-HRP45N08K Datasheet
923Kb / 8P
   80V N-Channel Trench MOSFET
HRS45N08K SEMIHOW-HRS45N08K Datasheet
897Kb / 7P
   80V N-Channel Trench MOSFET
HRP40N08K SEMIHOW-HRP40N08K Datasheet
793Kb / 8P
   80V N-Channel Trench MOSFET
HRP56N08K SEMIHOW-HRP56N08K Datasheet
956Kb / 8P
   80V N-Channel Trench MOSFET
HRS88N08K SEMIHOW-HRS88N08K Datasheet
832Kb / 7P
   80V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com