Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRP90N75K Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # HRP90N75K
Description  75V N-Channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRP90N75K Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  HRP90N75K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRP90N75K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRP90N75K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRP90N75K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRP90N75K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRP90N75K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRP90N75K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRP90N75K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
◎ SEMIHOW REV.A0,December 2014
Typical Characteristics (continued)
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 11. Transient Thermal Response Curve
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10
3
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
* Notes :
1. T
C = 25
oC
2. T
J = 175
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
175
0
20
40
60
80
T
C, Case Temperature [
oC]
t
2
t
1
P
DM
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
∗ Note :
1. V
GS = 10 V
2. I
D = 40 A
T
J, Junction Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
* Notes :
1. Z
θJC(t) = 1.6
oC/W Max.
2. Duty Factor, D=t
1/t2
3. T
JM - TC = PDM * Z
θJC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, Square Wave Pulse Duration [sec]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
∗ Note :
1. V
GS = 0 V
2. I
D = 250µA
T
J, Junction Temperature [
oC]


Similar Part No. - HRP90N75K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRP-02-S ETC2-HRP-02-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-04-S ETC2-HRP-04-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-05-S ETC2-HRP-05-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - HRP90N75K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRS90N75K SEMIHOW-HRS90N75K Datasheet
916Kb / 7P
   75V N-Channel Trench MOSFET
logo
Fairchild Semiconductor
FDP047AN08A0 FAIRCHILD-FDP047AN08A0 Datasheet
246Kb / 10P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.7m?
FDB045AN08A0 FAIRCHILD-FDB045AN08A0 Datasheet
240Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?
FDD16AN08A0 FAIRCHILD-FDD16AN08A0 Datasheet
242Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com