Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3692A Datasheet(PDF) 8 Page - Linear Technology

Part # LT3692A
Description  Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3692A Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3692A_15 Datasheet HTML 4Page - Linear Technology LT3692A_15 Datasheet HTML 5Page - Linear Technology LT3692A_15 Datasheet HTML 6Page - Linear Technology LT3692A_15 Datasheet HTML 7Page - Linear Technology LT3692A_15 Datasheet HTML 8Page - Linear Technology LT3692A_15 Datasheet HTML 9Page - Linear Technology LT3692A_15 Datasheet HTML 10Page - Linear Technology LT3692A_15 Datasheet HTML 11Page - Linear Technology LT3692A_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LT3692A
8
3692afc
For more information www.linear.com/3692A
Typical perForMance characTerisTics
Boost Current vs Temperature
Minimum Boost Voltage
vs Temperature
CLKOUT Frequency
vs RT/SYNC Resistance
5.0V Efficiency and Power Loss
2.5V Efficiency and Power Loss
3.3V Efficiency and Power Loss
1.8V Efficiency and Power Loss
Switch Peak Current
vs Temperature
TEMPERATURE (°C)
–50
0
10
30
40
50
100
70
0
50
75
3692A G18
20
80
90
60
–25
25
100 125 150
0.5A
1A
3A
TEMPERATURE (°C)
–50
0
0.5
1.5
2.0
2.5
5.0
3.5
0
50
75
3692A G19
1.0
4.0
4.5
3.0
–25
25
100 125 150
VILIM = 1.5V
VILIM = 0.5V
VILIM = 0V
TEMPERATURE (°C)
–50
2.00
2.50
150
3692A G20
1.50
1.00
0
50
100
–25
25
75
125
3.00
1.75
2.25
1.25
2.75
ISW = 3A
RT/SYNC RESISTANCE (k)
0
0
250
500
750
1500
1750
2000
2250
2500
20
40
50
80
3692A G21
1000
1250
10
30
60
70
OUTPUT CURRENT (A)
0
60
70
75
80
90
1.0
2.0 2.5
3692A G22
65
85
0
0.5
3.0
1.5
2.0
2.5
1.0
0.5
1.5
3.0 3.5
4
EFFICIENCY
POWER LOSS
VIN = 12V
FSW = 1MHz
CH1 = 5V
CH2 = 0V
OUTPUT CURRENT (A)
0
55
65
70
85
75
1.0
2.0 2.5
3692A G25
60
80
0
0.5
1.0
1.5
3.0
2.5
2.0
0.5
1.5
3.0 3.5
4
EFFICIENCY
POWER LOSS
VIN = 12V
FSW = 1MHz
CH1 = 1.8V
CH2 = 0V
OUTPUT CURRENT (A)
0
80
85
4
3692A G24
60
65
1.0
2.0
3.0
0.5
1.5
2.5
3.5
90
75
70
1.0
2.0
0
3.0
0.5
1.5
2.5
EFFICIENCY
VIN = 12V
FSW = 1MHz
CH1 = 2.5V
CH2 = 0V
POWER LOSS
OUTPUT CURRENT (A)
0
75
70
4
3692A G23
60
1
2
3
0.5
1.5
2.5
3.5
90
80
65
85
2.0
0.5
0
3.0
1.0
1.5
2.5
EFFICIENCY
POWER LOSS
VIN = 12V
FREQ = 1MHz
CH1 = 3.3V
CH2 = 0V


Similar Part No. - LT3692A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results

Similar Description - LT3692A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
LT3992A LINER-LT3992A Datasheet
226Kb / 6P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510_12 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com