Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3017SFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3017SFG
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3017SFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3017SFG_15 Datasheet HTML 1Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 2Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 3Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 4Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 5Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 6Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3017SFG
Document number: DS36479 Rev. 3 - 2
4 of 7
www.diodes.com
December 2013
© Diodes Incorporated
DMP3017SFG
-I , DRAIN SOURCE CURRENT (A)
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0
5
10
15
20
25
30
V
= -4.5V
GS
V
= -10V
GS
-I , DRAIN SOURCE CURRENT (A)
Figure 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.005
0.01
0.015
0.02
0.025
0.03
12
34
5
6
7
8
9
10
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V= -4.5V
GS
-50
-25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 5 On-Resistance Variation with Temperature
0.6
0.8
1.2
1.4
1.6
1.8
1.0
V
= -5V
I = -5A
GS
D
-50 -25
0
25
50
75
100 125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 6 On-Resistance Variation with Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
V= -10V
I=
A
GS
D
-10
V= 5V
I=
A
GS
D
-
-5
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
1.2
1.4
1.6
1.8
2.2
2.4
2.6
2.8
3.0
2.0
1.0
-I = 1mA
D
-I = 250µA
D
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 8 Diode Forward Voltage vs. Current
SD
T= 25 C
A
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5


Similar Part No. - DMP3017SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3017SFG-13 DIODES-DMP3017SFG-13 Datasheet
253Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3017SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3008SFG DIODES-DMP3008SFG_15 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3035SFG DIODES-DMP3035SFG_15 Datasheet
200Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3025LFG DIODES-DMN3025LFG_15 Datasheet
294Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7408SFG DIODES-DMG7408SFG_15 Datasheet
157Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG DIODES-DMN3024SFG_15 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com