Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3017SFG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP3017SFG
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3017SFG Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3017SFG_15 Datasheet HTML 1Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 2Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 3Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 4Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 5Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 6Page - Diodes Incorporated DMP3017SFG_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3017SFG
Document number: DS36479 Rev. 3 - 2
3 of 7
www.diodes.com
December 2013
© Diodes Incorporated
DMP3017SFG
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-1
μA
VDS = -24V, VGS = 0V
Gate-Source Leakage
IGSS
±10
μA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-1.0
-3.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
8.5
10
mΩ
VGS = -10V, ID = -11.5A
15
18
VGS = -4.5V, ID = -8.5A
Forward Transfer Admittance
|Yfs|
24
S
VDS = -5V, ID = -11.5A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
2246
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
352
pF
Reverse Transfer Capacitance
Crss
294
pF
Gate resistance
Rg
5.1
12
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 5V)
Qg
20.5
nC
VDS = -15V, ID = -11.5A
Total Gate Charge (VGS = 10V)
Qg
41
nC
Gate-Source Charge
Qgs
7.6
nC
Gate-Drain Charge
Qgd
8.0
nC
Turn-On Delay Time
tD(on)
7.5
ns
VDD = -15V, VGS = -10V,
RG = 6Ω, ID = -11.5A
Turn-On Rise Time
tr
15.4
ns
Turn-Off Delay Time
tD(off)
45.6
ns
Turn-Off Fall Time
tf
36.8
ns
BODY DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
-0.7
V
VGS = 0V, IS = -1A
Reverse Recovery Time (Note 9)
trr
20
ns
IS = -11.5A, dI/dt = 100A/μs
Reverse Recovery Charge (Note 9)
Qrr
9.5
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = +25°C
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.
-V , DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
1
23
45
V
= -2.5V
GS
V
= -3.0V
GS
V
= -3.5V
GS
V
= -4.0V
GS
V= -10V
GS
V
= -5.5V
GS
V
= -5.5V
GS
-V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
V
= -5.0V
DS


Similar Part No. - DMP3017SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3017SFG-13 DIODES-DMP3017SFG-13 Datasheet
253Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3017SFG_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3008SFG DIODES-DMP3008SFG_15 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3035SFG DIODES-DMP3035SFG_15 Datasheet
200Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3025LFG DIODES-DMN3025LFG_15 Datasheet
294Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7408SFG DIODES-DMG7408SFG_15 Datasheet
157Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG DIODES-DMN3024SFG_15 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com