Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3065 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3065_15 Datasheet HTML 3Page - Linear Technology LT3065_15 Datasheet HTML 4Page - Linear Technology LT3065_15 Datasheet HTML 5Page - Linear Technology LT3065_15 Datasheet HTML 6Page - Linear Technology LT3065_15 Datasheet HTML 7Page - Linear Technology LT3065_15 Datasheet HTML 8Page - Linear Technology LT3065_15 Datasheet HTML 9Page - Linear Technology LT3065_15 Datasheet HTML 10Page - Linear Technology LT3065_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3065 Series
7
3065fb
For more information www.linear.com/LT3065
TYPICAL PERFORMANCE CHARACTERISTICS
ADJ Pin Voltage
LT3065-5 Output Voltage
TJ = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–75
600
604
608
612
125
3065 G11
596
592
598
602
606
610
594
590
588
–25
25
75
–50
150
0
50
100
175
IL = 1mA
TEMPERATURE (°C)
–75
5.02
5.04
125
3065 G10
4.98
5.00
5.08
5.06
5.10
4.96
4.94
4.92
4.90
–25
25
75
–50
150
0
50
100
175
IL = 1mA
Quiescent Current
INPUT VOLTAGE (V)
0
125
150
8
3065 G12
75
100
175
200
50
25
0
2
4
6
1
9
3
5
7
11
10
VSHDN = VIN
VSHDN = 0V
TJ = 25°C
RL = 240k
VOUT = 1.2V
INPUT VOLTAGE (V)
0
125
150
8
3065 G13
75
100
175
200
50
25
0
2
4
6
1
9
3
5
7
11
10
VSHDN = VIN
VSHDN = 0V
TJ = 25°C
RL = 300k
VOUT = 1.5V
INPUT VOLTAGE (V)
0
125
150
8
3065 G14
75
100
175
200
50
25
0
2
4
6
1
9
3
5
7
11
10
VSHDN = VIN
VSHDN = 0V
TJ = 25°C
RL = 360k
VOUT = 1.8V
INPUT VOLTAGE (V)
0
125
150
8
3065 G15
75
100
175
200
50
25
0
2
4
6
1
9
3
5
7
11
10
VSHDN = VIN
VSHDN = 0V
TJ = 25°C
RL = 500k
VOUT = 2.5V
INPUT VOLTAGE (V)
0
125
150
8
3065 G16
75
100
175
200
50
25
0
2
4
6
1
9
3
5
7
11
10
VSHDN = VIN
VSHDN = 0V
TJ = 25°C
RL = 660k
VOUT = 3.3V
INPUT VOLTAGE (V)
0
125
150
8
3065 G17
75
100
175
200
50
25
0
2
4
6
1
9
3
5
7
11
10
VSHDN = VIN
VSHDN = 0V
TJ = 25°C
RL = 1M
VOUT = 5V
VIN (V)
0
0
10
30
40
50
100
110
120
130
70
5
10 15 20
3065 G18
20
80
90
60
25 30
45
35 40
TJ = 25°C
VOUT = 5V
IL = 10µA
VSHDN = 0V
VSHDN = VIN
LT3065-1.2 Quiescent Current
LT3065-1.5 Quiescent Current
LT3065-3.3 Quiescent Current
LT3065-5 Quiescent Current
LT3065-2.5 Quiescent Current
LT3065-1.8 Quiescent Current


Similar Part No. - LT3065_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3065 LINER-LT3065 Datasheet
3Mb / 36P
   20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
LT3065 LINER-LT3065 Datasheet
1Mb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
More results

Similar Description - LT3065_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3065 LINER-LT3065 Datasheet
1Mb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com