Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2100UQ-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2100UQ-7
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2100UQ-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2100UQ-7 Datasheet HTML 1Page - Diodes Incorporated DMP2100UQ-7 Datasheet HTML 2Page - Diodes Incorporated DMP2100UQ-7 Datasheet HTML 3Page - Diodes Incorporated DMP2100UQ-7 Datasheet HTML 4Page - Diodes Incorporated DMP2100UQ-7 Datasheet HTML 5Page - Diodes Incorporated DMP2100UQ-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP2100U
Document number: DS35718 Rev. 6 - 2
2 of 6
www.diodes.com
April 2013
© Diodes Incorporated
DMP2100U
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage (Note 6)
VGSS
±10
V
Continuous Drain Current (Note 8) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-4.3
-3.4
A
t<5s
TA = +25°C
TA = +70°C
ID
-5.5
-4.3
A
Maximum Continuous Body Diodes Forward Current (Note 8)
IS
-2
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
-30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 7)
TA = +25°C
PD
0.8
W
TA = +70°C
0.5
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RθJA
161
°C/W
t<5s
96
Total Power Dissipation (Note 8)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 8)
Steady State
RθJA
99
°C/W
t<5s
60
Thermal Resistance, Junction to Case (Note 8)
RθJC
15
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1
µA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
±10
µA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(th)
-0.3
-1.4
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
25
38
mΩ
VGS = -10V, ID = -3.5A
29
43
VGS = -4.5V, ID = -3A
37
75
VGS = -2.5V, ID = -1A
47
VGS = -1.8V, ID = -0.5A
Forward Transfer Admittance
|Yfs|
3
S
VDS = -5V, ID = -4A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
216
pF
VDS = -15V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
90
pF
Reverse Transfer Capacitance
Crss
24
pF
Gate Resistnace
Rg
250
VDS = 0V, VGS = 0V, f = 1.0MHz
SWITCHING CHARACTERISTICS (Note 10)
Total Gate Charge
Qg
9.1
nC
VGS = -4.5V, VDS = -10V
ID = -4A
Gate-Source Charge
Qgs
1.6
nC
Gate-Drain Charge
Qgd
2.0
nC
Turn-On Delay Time
tD(on)
80
ns
VDS = -10V, VGS = -4.5V,
RD = 2.5Ω, RG = 3.0Ω
Turn-On Rise Time
tr
155
ns
Turn-Off Delay Time
tD(off)
688
ns
Turn-Off Fall Time
tf
423
ns
Notes:
6. AEC-Q101 VGS maximum is ±9.6V
7. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
8. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMP2100UQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2100UQ-7 DIODES-DMP2100UQ-7 Datasheet
199Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2100UQ-7 DIODES-DMP2100UQ-7 Datasheet
617Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2100UQ-7

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com