Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT10-0009-TB Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT10-0009-TB
Description  Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT10-0009-TB Datasheet(HTML) 3 Page - Tyco Electronics

  AT10-0009-TB Datasheet HTML 1Page - Tyco Electronics AT10-0009-TB Datasheet HTML 2Page - Tyco Electronics AT10-0009-TB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0009
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 7.00
Typical Performance Curves
Attenuation vs. Bias Current
Typical VSWR @ +25°C
3
Part Number
Package
AT10-0009
Tube
AT10-0009TR
Tape and Reel (1K Reel)
AT10-0009-TB
Unit Mounted on Test Board
DR65-0002-TBG
Unit with Driver on Test Board
Ordering Information
1.0
1.5
2.0
2.5
750
825
900
975
1050
Frequency (MHz)
Ref
30 dB
15 dB
-42
-36
-30
-24
-18
-12
-6
0
0
1
2
3
4
5
6
7
8
9
10
Bias Current (mA)
+85°C
+25°C
-40°C


Similar Part No. - AT10-0009-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0009-TB MACOM-AT10-0009-TB Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009-TB MA-COM-AT10-0009-TB Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results

Similar Description - AT10-0009-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
Tyco Electronics
MAAVCC0001 MACOM-MAAVCC0001 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007089-000100 MA-COM-MAAV-007089-000100 Datasheet
80Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
MAAV-007092-000100 MA-COM-MAAV-007092-000100 Datasheet
89Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009_1 Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0005 MA-COM-MAAVSS0005_15 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com