Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR200-22-FI-390W Datasheet(PDF) 1 Page - Vestal Electronic Devices, LLC

Part # IR200-22-FI-390W
Description  Fully Insulated Radial, .390" High, White
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VESTAL [Vestal Electronic Devices, LLC]
Direct Link  http://vestalelectronics.com
Logo VESTAL - Vestal Electronic Devices, LLC

IR200-22-FI-390W Datasheet(HTML) 1 Page - Vestal Electronic Devices, LLC

  IR200-22-FI-390W Datasheet HTML 1Page - Vestal Electronic Devices, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Symbol
Dim
Tolerance
A
0.235"
± .035"
do
.025"
± .0015"
F
.200" + .024" / -.008"
Ho
.630"
± .020"
H1
1.020"
± .010"
Po
.500"
± .012"
P
.500"
± .010"
P
A
do
Ho
F
Po
Wire Spec: ASTM-B33
Rev: E
Taping Spec: EIA-468
Rev Date: 05.13.14
www.vestalelectronics.com
Item
Component Height
Lead Diameter
Lead Span
Height to Seating Plane
Overall Height
Title: Fully Insulated Radial, .390" High, White
Vestal PN: IR200-22-FI-390W
Drawing #: VED006
Conductor: 22 AWG Solid Copper
Plating: Tin
635 Dickson Street
Sprocket Hole Pitch
Component Pitch
Vestal Electronic Devices, LLC
H1
DWG: 1 of 1
Wire: UL1429W
Endicott, NY 13760


Similar Part No. - IR200-22-FI-390W

ManufacturerPart #DatasheetDescription
logo
Vestal Electronic Devic...
IR200-22-FI-570W VESTAL-IR200-22-FI-570W Datasheet
137Kb / 1P
   Fully Insulated Radial, .570" High, White
IR200-22-FI-570Y VESTAL-IR200-22-FI-570Y Datasheet
139Kb / 1P
   Fully Insulated Radial, .570
IR200-22-FI-850W VESTAL-IR200-22-FI-850W Datasheet
137Kb / 1P
   Fully Insulated Radial, .850" High, White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com