Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPG2110TB-E3 Datasheet(PDF) 11 Page - NEC

Part # UPG2110TB-E3
Description  L-BAND PA DRIVER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2110TB-E3 Datasheet(HTML) 11 Page - NEC

Back Button UPG2110TB-E3 Datasheet HTML 4Page - NEC UPG2110TB-E3 Datasheet HTML 5Page - NEC UPG2110TB-E3 Datasheet HTML 6Page - NEC UPG2110TB-E3 Datasheet HTML 7Page - NEC UPG2110TB-E3 Datasheet HTML 8Page - NEC UPG2110TB-E3 Datasheet HTML 9Page - NEC UPG2110TB-E3 Datasheet HTML 10Page - NEC UPG2110TB-E3 Datasheet HTML 11Page - NEC UPG2110TB-E3 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Preliminary Data Sheet P14318EJ1V0DS00
11
µµµµPG2106TB, µµµµPG2110TB
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered under the following recommended conditions.
For soldering methods and
conditions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Infrared Reflow
Package peak temperature: 235 °C or below
Time: 30 seconds or less (at 210 °C)
Count: 3, Exposure limit: None
Note
IR35-00-3
VPS
Package peak temperature: 215 °C or below
Time: 40 seconds or less (at 200 °C)
Count: 3, Exposure limit: None
Note
VP15-00-3
Wave Soldering
Soldering bath temperature: 260 °C or below
Time: 10 seconds or less
Count: 1, Exposure limit: None
Note
WS60-00-1
Partial Heating
Pin temperature: 300 °C
Time: 3 seconds or less (per side of device)
Exposure limit: None
Note
Note After opening the dry pack, keep it in a place below 25 °C and 65 % RH for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).


Similar Part No. - UPG2110TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2110TB-E3 RENESAS-UPG2110TB-E3 Datasheet
247Kb / 14P
   GaAs INTEGRATED CIRCUITS
2002
logo
California Eastern Labs
UPG2110TB-E3-A CEL-UPG2110TB-E3-A Datasheet
149Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
More results

Similar Description - UPG2110TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPG174TA NEC-UPG174TA Datasheet
66Kb / 6P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2106TB CEL-UPG2106TB Datasheet
155Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG175TA NEC-UPG175TA Datasheet
62Kb / 8P
   L-Band PA DRIVER AMPLIFIER
UPG2134TB NEC-UPG2134TB Datasheet
58Kb / 9P
   L-BAND PA DRIVER AMPLIFIER
UPG173TA NEC-UPG173TA Datasheet
86Kb / 8P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2110TB CEL-UPG2110TB Datasheet
149Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG173TA NEC-UPG173TA_00 Datasheet
22Kb / 2P
   GaAs INTEGRATED CIRCUIT L-BAND PA DRIVER AMPLIFIER
logo
United Monolithic Semic...
CHZ015A-QEG UMS-CHZ015A-QEG Datasheet
1Mb / 14P
   15W L-Band Driver
logo
DAICO Industries, Inc.
CAMH9223 DAICO-CAMH9223 Datasheet
228Kb / 1P
   L-Band Pre-Amplifier
CAMH9126 DAICO-CAMH9126 Datasheet
69Kb / 1P
   L-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com