Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR100-22-L Datasheet(PDF) 1 Page - Vestal Electronic Devices, LLC

Part # BR100-22-L
Description  Bare Radial Jumper Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VESTAL [Vestal Electronic Devices, LLC]
Direct Link  http://vestalelectronics.com
Logo VESTAL - Vestal Electronic Devices, LLC

BR100-22-L Datasheet(HTML) 1 Page - Vestal Electronic Devices, LLC

  BR100-22-L Datasheet HTML 1Page - Vestal Electronic Devices, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Symbol
BR100-XX-L
BR200-XX-L
BR200-XX-EL
BR200-XX-E
BR200-XX-EH
Tolerance
A
N/A
N/A
.225"
.370"
.485"
± .010"
F
.100"
.200"
.200"
.200"
.200"
+ .024" / -.008"
H₀
N/A
N/A
.630"
.630"
.630"
± .020"
H₁
.855"
.855"
.855"
1.00"
1.115"
± .010"
P
.500"
.500"
.500"
.500"
.500"
± .028"
P₀
.500"
.500"
.500"
.500"
.500"
± .012"
W
.709"
.709"
.709"
.709"
.709"
+.040" / - .020"
BR200-XX-L
P
Notes:
1) XX In Part Number = Wire Gauge (AWG):
20 = 0.032" Diameter
22 = 0.025" Diameter
d₀
24 = 0.020" Diameter
H1
2) Packaging Options:
Ho
4,000 Components Per 14" Reel
4,000 Components Per Ammo Box
W
3) Compliance:
RoHS
REACH
F
Po
4) Miltary Spec. Materials Available
Material:
Plating:
DWG: 1 of 1
Wire Spec:
Rev: E
Taping Spec:
Solid Copper
Vestal Electronic Devices, LLC
Title: Bare Radial Jumper Wire
Rev Date: 03.19.14
Drawing# : VED003
100% Tin
635 Dickson Street
ASTM-B33
Endicott, NY 13760
EIA-468
www.vestalelectronics.com
Conflict Mineral Free
A
Description
Component Body Height
Component Lead Spacing
Height to Seating Plane
Overall Height
Component Pitch
Sprocket Hole Pitch
Carrier Tape Width
BR200-XX-EL, E and EH
BR100-XX-L


Similar Part No. - BR100-22-L

ManufacturerPart #DatasheetDescription
logo
Vestal Electronic Devic...
BR100-22-H VESTAL-BR100-22-H Datasheet
22Kb / 1P
   Bare Radial Jumper Wire
More results

Similar Description - BR100-22-L

ManufacturerPart #DatasheetDescription
logo
Vestal Electronic Devic...
IR100-22-200 VESTAL-IR100-22-200 Datasheet
22Kb / 1P
   Bare Radial Jumper Wire
BR200-20S VESTAL-BR200-20S Datasheet
22Kb / 1P
   Bare Radial Jumper Wire
IR200-22-FI VESTAL-IR200-22-FI Datasheet
22Kb / 1P
   Bare Radial Jumper Wire
BROS100-22-LSO VESTAL-BROS100-22-LSO Datasheet
138Kb / 1P
   Bare Radial Jumper Wire With OS Crimp
BS14-500X200 VESTAL-BS14-500X200 Datasheet
20Kb / 1P
   Bare Staple Jumper Wire
BA-18 VESTAL-BA-18 Datasheet
20Kb / 1P
   Bare Axial Jumper Wire
logo
KOA Speer Electronics, ...
JL5CT26A KOA-JL5CT26A Datasheet
71Kb / 1P
   jumper wire
logo
Diotec Semiconductor
DR08 DIOTEC-DR08 Datasheet
54Kb / 1P
   Wire jumper
logo
KOA Speer Electronics, ...
JL8CT52A KOA-JL8CT52A Datasheet
188Kb / 1P
   jumper wire
logo
Vestal Electronic Devic...
IA-22-200 VESTAL-IA-22-200 Datasheet
21Kb / 1P
   Insulated Axial Jumper Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com