Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANE515R Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANE515R
Description  Single Output 7 Pin SIP Package 1000VDC Isolation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE515R Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANE515R Datasheet HTML 1Page - Wall Industries,Inc. LANE515R Datasheet HTML 2Page - Wall Industries,Inc. LANE515R Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANE R Series
Single Output
1KVDC I/O Isolation
1 Watt DC/DC Converter
FEATURES
● Single Output
● 7 Pin SIP Package
● 1000VDC Isolation
● MTBF > 3,500,000 Hours
● Regulated Output Types
● UL 94V-0 Package Material
● Operating Temperature: -40°C to +85°C
DESCRIPTION
When your application demands low power, minimal board space, and a high level of input/output isolation is
necessary, the LANE R series of miniature DC/DC converters offers superior solutions at an economical price.
Users have a multitude of options and operational ratings to choose from in custom-tailoring the converter to
application demands. The LANE R series provides one watt of power while maintaining specifications over the
entire commercial operating temperature range.
SPECIFICATIONS: LANE R Series
All specifications apply @ ±25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range .......5V nom. input .............. 4.75 – 5.25VDC
12V nom. input ............ 11.4 – 12.6VDC
15V nom. Input ........ 14.25 – 15.75VDC
24V nom. input ........... 22.8 – 25.2 VDC
Input Voltage Tolerance .................................................±5% max.
Input Filter ....................................................................... capacitor
OUTPUT SPECIFICATIONS
Output Current ................................................................ see table
Output Voltage ................................................................ see table
Voltage Tolerance ..........................................................±5% max.
Output Power ...................................................................... 1 Watt
Line Regulation ..............................................................0.5% max
Load Regulation ............................................................1.5% max.
Ripple/Noise (20MHz BW)
5V output models ....................................................... 100mVp-p
12~48V output models.............................................. 1% of Vout
Transient Response Setting Time (50% load step) ..............350µs
PROTECTION
Short Circuit Protection ................................................. Continuous
GENERAL SPECIFICATIONS
Switching Frequency ............................................... 100kHz typical
Efficiency ..........................................................................see table
Isolation Voltage (input to output) ....................................1000VDC
Isolation Resistance.................................. 1000MΩ min. (500VDC)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ........................................... -40°C ~ +85°C
Humidity (non-condensing) ............................................. 95% max.
Cooling .............................................................Free air convection
MTBF................................................................. > 3,500,000 hours
PHYSICAL SPECIFICATIONS
Weight ............................................................................ 2.4 grams
Case Material......................................non-conductive black plastic
Dimensions ...............................0.77(L) x 0.28(W) x 0.39(H) inches
19.5(L) x 7.1(W) x 10.0(H) mm
Package Material ............................................................. UL 94V-0
Due to advances in technology, specifications subject to change without notice


Similar Part No. - LANE515R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE515R WALL-LANE515R Datasheet
156Kb / 3P
   Single Output 1KVDC I/O Isolation 1 Watt DC/DC Converter
LANE515RC WALL-LANE515RC Datasheet
112Kb / 2P
   Single Output, to 1 Watt dc/dc converters
LANE515RC WALL-LANE515RC Datasheet
103Kb / 3P
   Single Output
More results

Similar Description - LANE515R

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
S4AD050520 PMI-S4AD050520 Datasheet
26Kb / 1P
   2.00 WATT SIP DC/DC CONVERTERS 1000Vdc ISOLATION
logo
CET Technology, LLC
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
logo
Guangzhou Reicu Electro...
B0505M-2W REICU-B0505M-2W Datasheet
777Kb / 1P
   1000VDC Isolated 2W Single Output DIP-Package
REV:13.2
logo
CET Technology, LLC
CT-13DS4 CETTECHNOLOGY-CT-13DS4 Datasheet
288Kb / 2P
   1000Vdc Isolation Single & Dual Output 1watt Dc-Dc Converter
CT-14D-3W CETTECHNOLOGY-CT-14D-3W Datasheet
953Kb / 2P
   1000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-11D-250M-W CETTECHNOLOGY-CT-11D-250M-W Datasheet
840Kb / 2P
   1000Vdc Isolation Single & Dual Output 250mWatt Dc-Dc Converter
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com