Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD83732HFP-M Datasheet(PDF) 9 Page - Rohm

Part # BD83732HFP-M
Description  AEC-Q100 Qualified
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD83732HFP-M Datasheet(HTML) 9 Page - Rohm

Back Button BD83732HFP-M Datasheet HTML 5Page - Rohm BD83732HFP-M Datasheet HTML 6Page - Rohm BD83732HFP-M Datasheet HTML 7Page - Rohm BD83732HFP-M Datasheet HTML 8Page - Rohm BD83732HFP-M Datasheet HTML 9Page - Rohm BD83732HFP-M Datasheet HTML 10Page - Rohm BD83732HFP-M Datasheet HTML 11Page - Rohm BD83732HFP-M Datasheet HTML 12Page - Rohm BD83732HFP-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9/29
Datasheet
Datasheet
BD83732HFP-M / BD83733HFP-M
TSZ02201-0G1G0C700310-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
4.Feb.2015 Rev.002
www.rohm.com
TSZ22111・15・001
[s]
V
V
ln
)
R
R
(
C
T2
CRT_DIS1
CRT_CHA
D1
CRT
CRT
⎟⎟
⎜⎜
×
+
×
=
[Hz]
2
T
1
T
1
f PWM
+
=
2
T
1
T
2
T
DON
+
=
(2) CRT Ramp down Time T2
CRT ramp down time is defined by the discharge period due to the external capacitor CCRT and resistance (RCRT +
RD1). The CRT Terminal Charge Current is OFF at CRT ramp down.
Make sure that T2 is set > pulse width 20μs (Min).
where:
RD1 is the CRT Terminal Discharge Resistance 1
50Ω (Typ)
VCRT_CHA is the CRT Terminal Discharge ON Voltage 1.1V (Typ)
VCRT_DIS1 is the CRT Terminal Discharge ON Voltage 3.0V (Typ)
(3) Dimming Frequency fPWM
PWM frequency is defined by T1 and T2.
(4) ON Duty (DON)
Like the above, PWM ON duty is defined by T1 and T2.
(Example) In case of fPWM = 518Hz and 6.7% Duty (Typ),
From fPWM=518Hz; T1 + T2 = 1 / fPWM = 1 / 518Hz = 1931μs
From ON Duty = 6.7%; CRT ramp up time T1 is T1 = (T1 + T2) × 0.933 = 1801.6μs
External capacity CCRT is;
CCRT = T1 × (ICRT / ∆VCRT) = 1800.7μs × 35μA / 1.9V ≒ 0.033μF
CRT ramp down time T2 is; T2 = (T1 + T2) × 0.067 = 129μs
External resistance RCRT is;
RCRT = -T2 / (CCRT × ln(VCRT_CHA / VCRT_DIS)) - RD1 = -129usec / (0.033μF × ln(1.1 / 3.0) – 50Ω) ≒ 3.9kΩ
PWM Dimming Operation using external signal
An external microcomputer can directly drive the PWM signal for Dimming CRT terminal. In that case, ’High’ level voltage
of PWM signal should be > VCRT_DIS2(4.4V(Max)) and ’Low’ level voltage of PWM signal < VCRT_CHA(0.99V(Min)).
Figure 15. External Input of PWM Signal


Similar Part No. - BD83732HFP-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD83732HFP-MTR ROHM-BD83732HFP-MTR Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD83732HFP-M ROHM-BD83732HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
More results

Similar Description - BD83732HFP-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com