Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2068FJ-M Datasheet(PDF) 6 Page - Rohm

Part # BD2068FJ-M
Description  Soft-Start Circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2068FJ-M Datasheet(HTML) 6 Page - Rohm

Back Button BD2068FJ-M Datasheet HTML 2Page - Rohm BD2068FJ-M Datasheet HTML 3Page - Rohm BD2068FJ-M Datasheet HTML 4Page - Rohm BD2068FJ-M Datasheet HTML 5Page - Rohm BD2068FJ-M Datasheet HTML 6Page - Rohm BD2068FJ-M Datasheet HTML 7Page - Rohm BD2068FJ-M Datasheet HTML 8Page - Rohm BD2068FJ-M Datasheet HTML 9Page - Rohm BD2068FJ-M Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6/22
BD2068FJ-M
BD2069FJ-M
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0GGG0H300030-1-2
7.Apr.2015 Rev.001
Typical Performance Curves
(Reference Data)
Figure 4. Operating Current vs Supply Voltage
(EN, /EN Enable)
0
20
40
60
80
100
120
140
160
180
2
3
4
5
6
SUPPLY VOLTAGE: VIN (V)
Ta=25°C
Figure 6. Standby Current vs Supply Voltage
(EN, /EN Disable)
0
0.2
0.4
0.6
0.8
1
2
3
4
5
6
SUPPLY VOLTAGE: VIN (V)
Ta=25°C
Figure 5. Operating Current vs Ambient Temperature
(EN, /EN Enable)
0
20
40
60
80
100
120
140
160
180
-50
0
50
100
AMBIENT TEMPERATURE: TA(℃)
VIN=5V
Figure 7. Standby Current vs Ambient Temperature
(EN, /EN Disable)
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
AMBIENT TEMPERATURE: TA (℃)
VIN=5V
Ambient Temperature: Ta(°C)
Ambient Temperature: Ta(°C)
Supply Voltage: VIN(V)
Supply Voltage: VIN(V)


Similar Part No. - BD2068FJ-M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD206 MOTOROLA-BD206 Datasheet
89Kb / 2P
   10 AMPERE POWER TRANSISTOR PNP SILICON
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2061AFJ ROHM-BD2061AFJ Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2068FJ-M

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
   Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
   Soft start valve
3/31/22
542569 FESTO-542569 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
532049 FESTO-532049 Datasheet
86Kb / 2P
   Soft start valve
4/1/22
logo
Unisonic Technologies
P1482AG-SH2-R UTC-P1482AG-SH2-R Datasheet
239Kb / 5P
   Programmable Soft-Start
logo
Festo Corporation.
529532 FESTO-529532 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
532042 FESTO-532042 Datasheet
85Kb / 2P
   Soft start valve
4/1/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com