Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9A400MUV Datasheet(PDF) 4 Page - Rohm

Part # BD9A400MUV
Description  Over Current Protection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9A400MUV Datasheet(HTML) 4 Page - Rohm

  BD9A400MUV Datasheet HTML 1Page - Rohm BD9A400MUV Datasheet HTML 2Page - Rohm BD9A400MUV Datasheet HTML 3Page - Rohm BD9A400MUV Datasheet HTML 4Page - Rohm BD9A400MUV Datasheet HTML 5Page - Rohm BD9A400MUV Datasheet HTML 6Page - Rohm BD9A400MUV Datasheet HTML 7Page - Rohm BD9A400MUV Datasheet HTML 8Page - Rohm BD9A400MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Datasheet
Datasheet
4/32
TSZ02201-0J3J0AJ00730-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
1.Jul.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9A400MUV
Description of Blocks
1. VREF
The VREF block generates the internal reference voltage.
2. UVLO
The UVLO block is for under voltage lockout protection. It will shut down the IC when the VIN falls to 2.45V (Typ) or lower.
The threshold voltage has a hysteresis of 100mV (Typ).
3. SCP
After the soft start is completed and when the feedback voltage of the output voltage has fallen below 0.4V (Typ) for
1msec (Typ), the SCP stops the operation for 16msec (Typ) and subsequently initiates restart.
4. OVP
Over voltage protection function (OVP) compares FB terminal voltage with the internal standard voltage VREF. When the
FB terminal voltage exceeds 0.88V (Typ) it turns MOSFET of output part MOSFET off. After output voltage drop it returns
with hysteresis.
5. TSD
The TSD block is for thermal protection. The thermal protection circuit shuts down the device when the internal
temperature of IC rises to 175
C (Typ) or higher. Thermal protection circuit resets when the temperature falls. The circuit
has a hysteresis of 25°C (Typ).
6. SOFT START
The Soft Start circuit slows down the rise of output voltage during start-up and controls the current, which allows the
prevention of output voltage overshoot and inrush current. A built-in soft start function is provided and a soft start is
initiated in 1msec (Typ) when the SS terminal is open.
7. gm Amplifier
The gm Amplifier block compares the reference voltage with the feedback voltage of the output voltage. The error and
the ITH terminal voltage determine the switching duty. A soft start is applied at startup. The ITH terminal voltage is limited
by the internal slope voltage.
8. Current Comparator
The Current Comparator block compares the output ITH terminal voltage of the error amplifier and the slope block signal
to determine the switching duty. In the event of over current, the current that flows through the high-side MOSFET is
limited at each cycle of the switching frequency.
9. OSC
This block generates the oscillating frequency.
10.DRIVER LOGIC
This block is a DC/DC driver. A signal from current comparator is applied to drive the MOSFETs.
11.PGOOD
When the FB terminal voltage reaches 0.8V (Typ) within ±7%, the Nch MOSFET of the built-in open drain output turns off
and the output turns high.


Similar Part No. - BD9A400MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9A100MUV ROHM-BD9A100MUV Datasheet
1Mb / 35P
   2.7V to 5.5V Input, 1A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A101MUV-LB ROHM-BD9A101MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BD9A300MUV ROHM-BD9A300MUV Datasheet
2Mb / 35P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A301MUV-LB ROHM-BD9A301MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BD9A302QWZ ROHM-BD9A302QWZ Datasheet
3Mb / 40P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results

Similar Description - BD9A400MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
   Over-Current Protection
Q48SG12034 DELTA-Q48SG12034 Datasheet
1Mb / 26P
   Over-Current Protection
logo
Rohm
BP5293-XX ROHM-BP5293-XX Datasheet
1Mb / 19P
   Over current protection
BD9A600MUV ROHM-BD9A600MUV Datasheet
1Mb / 35P
   Over Current Protection
BD9B300MUV ROHM-BD9B300MUV Datasheet
1Mb / 33P
   Over Current Protection
logo
TiMOTION Technology Co....
TC6 TIMOTION-TC6 Datasheet
304Kb / 4P
   Over current protection
20141028-C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com