Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXL10GP1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CXL10GP1
Description  High Performance, 1-Axis and 3-Axis Accelerometers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CXL10GP1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CXL10GP1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CXL10GP1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: 408.964.9700
Fax: 408.854.7702
E-mail: infoca@memsic.com
www .memsic.co m
General PurPose aCCeleroMeTer
CXL-GP Series
• HighPerformance,1-Axis
and3-AxisAccelerometers
• Small,Low-Cost
• ReliablePackagingwith
Screw-DownMounting
• FactoryCalibrated
Applications
• AutomotiveTesting
• Instrumentation
• EquipmentMonitoring
GP Series
TheGPSeriesaccelerometersarelow
cost,generalpurpose,linearaccelera-
tionand/orvibrationsensorsavailable
in ranges of ±4g, ±10g, and ±25g.
Common applications are automo-
tive testing, instrumentation, and
equipmentmonitoring.TheGPSeries
sensingelementisasiliconmicro-ma-
chinedcapacitivebeam.Thecapacitive
beamisheldinforcebalanceforfull
scalenon-linearityoflessthan0.2%.
The GP Series offers wide dynamic
r a n ge ,h a se x c e l l e ntf re qu e n c y
response, operates on a single 4.9 to
5.5 VDC power supply, and is easy to
interface to standard data acquisition
systems. The 3-axis version (GP3) can
bespecifiedwithaninternalregulator
(-Roption)forusewitha5.5to36V
unregulatedpowersupply.
TheGPSeriessensorsprovideadirect
high-level analog voltage output.
The output requires no external
signal conditioning electronics and
may be directly interfaced to an A/D
or other data acquisition hardware.
Compared to traditional piezoelec-
tric and piezoresistive accelerometer
technologies,thesiliconmicromachined
sensors offer equivalent performance
atasignificantlylowercost.
TheGPSeriesisofferedwithastandard
5-pin female connector. The highly
flexible, low-mass cable prevents
disruption of the measurement.
StandardPackageDimensions
RoHS
COMPLIANT


Similar Part No. - CXL10GP1

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CXL10GP1 WILLOW-CXL10GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL10GP1 WILLOW-CXL10GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL10GP1 WILLOW-CXL10GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL10GP1 WILLOW-CXL10GP1 Datasheet
435Kb / 2P
   Small, Low-Cost
CXL10GP1Z WILLOW-CXL10GP1Z Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
More results

Similar Description - CXL10GP1

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CXL10GP3 WILLOW-CXL10GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP1 WILLOW-CXL25GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP1Z WILLOW-CXL04GP1Z Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP3 WILLOW-CXL25GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL10GP1 WILLOW-CXL10GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP1 WILLOW-CXL04GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP3 WILLOW-CXL04GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL10GP1Z WILLOW-CXL10GP1Z Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP1Z WILLOW-CXL25GP1Z Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com