Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215-3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4215-3
Description  Hot Swap Controller with I2C Compatible Monitoring
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215-3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4215-3_15 Datasheet HTML 2Page - Linear Technology LTC4215-3_15 Datasheet HTML 3Page - Linear Technology LTC4215-3_15 Datasheet HTML 4Page - Linear Technology LTC4215-3_15 Datasheet HTML 5Page - Linear Technology LTC4215-3_15 Datasheet HTML 6Page - Linear Technology LTC4215-3_15 Datasheet HTML 7Page - Linear Technology LTC4215-3_15 Datasheet HTML 8Page - Linear Technology LTC4215-3_15 Datasheet HTML 9Page - Linear Technology LTC4215-3_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC4215-1/LTC4215-3
6
421513fc
Current Limit vs VFB
TEMPERATURE (°C)
–50
–25
70
75
80
85
90
0
50
4215 G05
25
75
100
VTH Circuit Breaker vs Temperature
TEMPERATURE (°C)
–50
–25
90
110
0
50
4215 G06
95
105
100
25
75
100
VFB (V)
0
20
25
30
1.2
1.4
4215 G07
15
10
0
0.2
0.4
0.6
0.8
1.0
5
TEMPERATURE (°C)
–50
–25
22
24
27
0
50
75
4215 G08
23
26
25
25
100
VDD = 5V, 12V
VDD = 3.3V
ΔVGATE vs Temperature
VTH(UV) vs Temperature
ITIMER vs Temperature
VHYST(UV) vs Temperature
IGATE (μA)
0
5
6
7
20
4215 G10
4
3
510
15
25
2
1
0
VDD = 3.3V
VDD = 12V
VDD = 5V
ΔVGATE vs IGATE
IGATE Pull-Up vs Temperature
TEMPERATURE (°C)
–50
–10
–20
–30
–25
0
50
75
4315 G11
–15
–25
25
100
TA = 25°C, VDD = 12V unless otherwise noted.
V(SENSE+) – V(SENSE–) (mV)
0
25
50
75
100
125
150
1
100
4215 G17
10
0.1
TPHL(GATE) vs Sense Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
–25
1.230
1.234
1.240
0
50
4215 G04
1.232
1.238
1.236
25
75
100
TEMPERATURE (°C)
–50
5.8
5.9
6.0
75
4215 G09
5.7
5.6
–25
25
0
50
100
5.5
5.4
6.1
VDD = 3.3V
VDD = 12V
VDD = 5V


Similar Part No. - LTC4215-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215-3 LINER-LTC4215-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results

Similar Description - LTC4215-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4222 LINER-LTC4222_15 Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com