Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4212 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4212
Description  Hot Swap Controller with Power-Up Timeout
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4212_15 Datasheet HTML 2Page - Linear Technology LTC4212_15 Datasheet HTML 3Page - Linear Technology LTC4212_15 Datasheet HTML 4Page - Linear Technology LTC4212_15 Datasheet HTML 5Page - Linear Technology LTC4212_15 Datasheet HTML 6Page - Linear Technology LTC4212_15 Datasheet HTML 7Page - Linear Technology LTC4212_15 Datasheet HTML 8Page - Linear Technology LTC4212_15 Datasheet HTML 9Page - Linear Technology LTC4212_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC4212
4212f
TYPICAL PERFOR A CE CHARACTERISTICS Specifications are T
A = 25°C. VCC = 5V, unless
otherwise noted.
Power Good Timeout vs
Temperature
PGI Low at Timeout to GATE
Discharging vs Supply Voltage
PGI Low at Timeout to GATE
Discharging vs Temperature
15.0
18.0
19.0
20.0
17.5
18.5
19.5
17.0
16.5
16.0
15.5
4212 G41
TEMPERATURE (
°C)
–25
25
50
–50
0
75
100
125
SUPPLY VOLTAGE (V)
0
1.8
1.5
1.2
0.9
0.6
0.3
16
4212 G44
4
8
12
18
14
26
10
TEMPERATURE (
°C)
0.2
2.0
–25
25
50
4212 G45
–50
0
75
100
125
0.4
0.8
1.2
1.4
1.8
0.6
1.0
1.6
PGF and PGT Pin Current
(Timer or Filter Off)
vs Supply Voltage
PGF and PGT Pin Current
(Timer or Filter Off)
vs Temperature
0
10
9
8
7
6
5
4
3
2
1
4212 G51
TEMPERATURE (
°C)
–25
25
50
–50
0
75
100
125
PGF
PGT
Valid Glitch to GATE Discharging
vs Temperature
Valid Glitch to GATE Discharging
vs Supply Voltage
FAULT VOL vs Supply Voltage
SUPPLY VOLTAGE (V)
1.30
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
4
8
12
16
4212 G52
18
2
0
6
10
14
0.5
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
4212 G53
TEMPERATURE (
°C)
–25
25
50
–50
0
75
100
125
SUPPLY VOLTAGE (V)
0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
16
4212 G54
4
8
12
18
14
26
10
IOL = 5mA
IOL = 1mA
FAULT VOL vs Temperature
TEMPERATURE (
°C)
4
5
6
4212 G50
3
2
0
1
8
7
–50
0
25
125
–25
50
75
100
TEMPERATURE (
°C)
0.20
0.25
0.30
4212 G55
0.15
0.10
0
0.05
0.40
0.35
–50
0
25
125
–25
50
75
100


Similar Part No. - LTC4212_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4212CMS LINER-LTC4212CMS Datasheet
230Kb / 24P
   Hot Swap Controller with Power-Up Timeout
LTC4212IMS LINER-LTC4212IMS Datasheet
230Kb / 24P
   Hot Swap Controller with Power-Up Timeout
More results

Similar Description - LTC4212_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4212 LINER-LTC4212 Datasheet
230Kb / 24P
   Hot Swap Controller with Power-Up Timeout
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com