Electronic Components Datasheet Search |
|
LTC4212 Datasheet(PDF) 5 Page - Linear Technology |
|
LTC4212 Datasheet(HTML) 5 Page - Linear Technology |
5 / 24 page 5 LTC4212 4212f Fast GATE Pull-Down Current vs Supply Voltage Fast GATE Pull-Down Current vs Temperature TYPICAL PERFOR A CE CHARACTERISTICS SUPPLY VOLTAGE (V) 20 40 60 80 30 50 70 4 8 12 16 4212 G14 18 2 0 6 10 14 TEMPERATURE ( °C) 20 30 50 60 70 –25 25 50 4212 G15 40 –50 0 75 100 125 80 Specifications are TA = 25°C. VCC = 5V, unless otherwise noted. VCB (SLOW COMP) vs Supply Voltage SUPPLY VOLTAGE (V) 0 52 56 60 16 4212 G26 48 44 50 54 58 46 42 40 4 2 8 6 12 14 10 18 VCB (FAST COMP) vs Supply Voltage SLOW COMP Trips to GATE Discharging Delay vs Supply Voltage SUPPLY VOLTAGE (V) 0 170 165 160 155 150 145 140 135 130 16 4212 G28 4 8 12 18 14 26 10 SUPPLY VOLTAGE (V) 0 26 24 22 20 18 16 14 12 10 16 4212 G30 4 8 12 18 14 26 10 FAST COMP Trips to GATE Discharging Delay vs Supply Voltage FAST COMP Trips to GATE Discharging Delay vs Temperature SLOW COMP Trips to GATE Discharging Delay vs Temperature TEMPERATURE ( °C) 18 20 22 125 4212 G31 16 14 10 –25 25 75 –50 0 50 100 12 26 24 VCC = 16.5V VCC = 3V VCC = 5V VCC = 15V VCC = 12V SUPPLY VOLTAGE (V) 0 600 500 400 300 200 100 0 16 4212 G32 4 8 12 18 14 26 10 VCB = 0mV TO 200mV STEP TEMPERATURE ( °C) 400 500 125 4212 G33 300 200 0 –25 25 75 –50 0 50 100 100 700 600 VCB = 0mV TO 200mV STEP VCC = 16.5V VCC = 3V VCC = 12V VCC = 5V VCC = 15V Power Good Timeout vs Supply Voltage SUPPLY VOLTAGE (V) 15 19 21 18 20 17 16 4 8 12 16 4212 G40 18 2 0 6 10 14 |
Similar Part No. - LTC4212_15 |
|
Similar Description - LTC4212_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |