Electronic Components Datasheet Search |
|
LTC4212 Datasheet(PDF) 1 Page - Linear Technology |
|
LTC4212 Datasheet(HTML) 1 Page - Linear Technology |
1 / 24 page 1 LTC4212 4212f APPLICATIO S FEATURES TYPICAL APPLICATIO DESCRIPTIO s Allows Safe Board Insertion and Removal from a Live Backplane s Controls Supply Voltages from 2.5V to 16.5V s Adjustable Soft-Start with Inrush Current Limiting s Fast Turn-Off Time s No External Gate Capacitor is Required s Power Good Input with Adjustable Timer and Glitch Filter s Power-Up Timeout Circuit Interfaces with External Supply Monitors s Dual Level Overcurrent Fault Protection s Automatic Retry or Latched Mode Operation s High Side Drive for an External N-Channel FET s MS10 Package The LTC ®4212 is a Hot SwapTM controller that allows a board to be safely inserted and removed from a live backplane. An internal high side switch driver controls the gate of an external N-channel MOSFET for supply voltages ranging from 2.5V to 16.5V. The LTC4212 provides soft- start and inrush current limiting during the start-up period. It features a power-up timeout circuit that discon- nects the system supply when the onboard supplies do not enter into regulation within an adjustable timeout period. The controller interfaces with external supply monitor ICs or directly with the PGOOD pin of a DC/DC converter. After normal power-up, a programmable power good glitch filter can be enabled to filter out short term dips in the supplies. Two current limit comparators provide dual level overcurrent circuit breaker protection. The slow com- parator trips at VCC – 50mV and activates in 18µs. The fast comparator trips at VCC – 150mV and typically responds in 500ns. The LTC4212 can be configured for both latchoff and autoretry applications and is available in a 10-pin MSOP package. s Electronic Circuit Breaker s Hot Board Insertion and Removal s Self-Isolating Hot Swap Boards Hot Swap Controller with Power-Up Timeout , LTC and LT are registered trademarks of Linear Technology Corporation. Hot Swap is a trademark of Linear Technology Corporation. + VCC SENSE LTC4212 10 µF + 10 µF 5V 2.5V 1.5A 3.3V 1.5A 4212 TA01a GATE PGT PGF TIMER 0.01 µF PGI ON VCC 5V GND Z1 = SMAJ10A (TVS) 20k 10k 10 Ω 0.007 Ω EDGE CONNECTOR (MALE) Si4410DY Z1 10k 10k 2.1k 10k FAULT GND FAULT + 10 µF LT1963-2.5 4.7nF 270pF 100nF BACKPLANE CONNECTOR (FEMALE) + 10 µF + 10 µF LT1963-3.3 LTC1727-2.5 GND VCCA VCC3 COMP2.5 VCC25 COMP3 COMP A Power-Up Waveforms ON 5V/DIV TIMER 1V/DIV PGT 1V/DIV PGI 5V/DIV Hot Swap Controller with Power Good Function 5ms/DIV |
Similar Part No. - LTC4212_15 |
|
Similar Description - LTC4212_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |