Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4101 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4101
Description  Smart Battery Charger Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4101 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4101_15 Datasheet HTML 2Page - Linear Technology LTC4101_15 Datasheet HTML 3Page - Linear Technology LTC4101_15 Datasheet HTML 4Page - Linear Technology LTC4101_15 Datasheet HTML 5Page - Linear Technology LTC4101_15 Datasheet HTML 6Page - Linear Technology LTC4101_15 Datasheet HTML 7Page - Linear Technology LTC4101_15 Datasheet HTML 8Page - Linear Technology LTC4101_15 Datasheet HTML 9Page - Linear Technology LTC4101_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LTC4101
6
4101fa
TYPICAL PERFORMANCE CHARACTERISTICS
Disconnect/Reconnect Battery
(Load Dump)
Battery Leakage Current
vs Battery Voltage
Efficiency at VPROG = 4.208V
SMBus Accelerator Operation
Low Current Operation
INFET Response Time to
Reverse Current
Output Voltage vs Output Current
PWM Frequency vs Duty Cycle
TA = 25°C, unless otherwise noted.
TEST PERFORMED ON DEMOBOARD
VIN = 15VDC
CHARGER = ON
ICHARGE = <10mA
Vs OF PFET (5V/DIV)
Id (REVERSE) OF
PFET (5A/DIV)
Vgs OF PFET (2V/DIV)
4101 G01
VCHARGE = 4.2V
INFET = 1/2 Si4925DY
Vgs = 0
Vs = 0V
Id = 0A
1.25μs/DIV
OUTPUT CURRENT (A)
0
0.5 1.0
2.0
3.0
4.0
1.5
2.5
3.5
4.5
4101 G02
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
VDCIN = 20V
VPROG = 4.176V
IPROG = 4V
DUTY CYCLE (VOUT/VIN)
0
0.1 0.2
0.4
0.6
0.9
0.8
0.3
0.5
0.7
1.0
4101 G03
PROGRAMMED CURRENT = 10%
DCIN = 9V
DCIN = 12V
DCIN = 24V
350
300
250
200
150
100
50
0
4101 G04
LOAD CURRENT = 1A, 2A, 3A
DCIN = 12V
VFLOAT = 4.2V
VFLOAT
1V/(DIV)
LOAD
STATE
DISCONNECT
RECONNECT
1A STEP
3A STEP
3A STEP
1A STEP
BATTERY VOLTAGE (V)
0
5
10
15
20
25
30
4101 G05
40
35
30
25
20
15
10
5
0
VDCIN = 0V
IOUT (A)
0.5
0.0
1.5
1.0
2.0
2.5
3.5
3.0
4101 G06
VIN = 20V
VIN = 8V
100
96
92
88
84
80
76
72
1μs/DIV
4101 G07
5V
0V
RPULLUP = 15k
LTC4101
VDD = 5V
CBUS = 200pF
IPROG (A)
0
0.6
0.4
0.5
0.3
0.2
0.1
0
0.05
4101 G08
0.10
0.40
0.15 0.20 0.25 0.30 0.35
VDD = 5V
VBAT = 4V
VDCIN = 20V
VPROG = 4.208V
PROGRAMMED
CURRENT
NO LOW
CURRENT
MODE
LOW
CURRENT
MODE


Similar Part No. - LTC4101_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4101EG LINER-LTC4101EG Datasheet
296Kb / 28P
   Smart Battery Charger Controller
More results

Similar Description - LTC4101_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100 LINER-LTC4100 Datasheet
251Kb / 24P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
   Smart Battery Charger Controller
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
   Smart Battery Charger
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
   Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
   Standard Battery Charger Controller
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
   Standard Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com