Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4089-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4089-5
Description  USB Power Manager with High Voltage Switching Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089-5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4089-5_15 Datasheet HTML 4Page - Linear Technology LTC4089-5_15 Datasheet HTML 5Page - Linear Technology LTC4089-5_15 Datasheet HTML 6Page - Linear Technology LTC4089-5_15 Datasheet HTML 7Page - Linear Technology LTC4089-5_15 Datasheet HTML 8Page - Linear Technology LTC4089-5_15 Datasheet HTML 9Page - Linear Technology LTC4089-5_15 Datasheet HTML 10Page - Linear Technology LTC4089-5_15 Datasheet HTML 11Page - Linear Technology LTC4089-5_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4089/LTC4089-5
8
40895fc
GND (Pins 1, 2): Ground. Tie the GND pin to a local ground
plane below the LTC4089 and the circuit components.
HVOUT (Pins 3, 18): Voltage Output of the High Voltage
Regulator. When sufficient voltage is present at HVOUT,
the low voltage power path from IN to OUT will be discon-
nected and the HVPR pin will be pulled low to indicate
that a high voltage wall adapter has been detected. The
LTC4089 high voltage regulator will maintain just enough
differential voltage between HVOUT and BAT to keep the
battery charger MOSFET out of dropout (typically 300mV
from OUT to BAT). The LTC4089-5 high voltage regula-
tor will provide a fixed 5V output to the battery charger
MOSFET. HVOUT should be bypassed with at least 10μF
to GND. Connect pins 3 and 18 with a resistance no
greater than 1 .
VC (Pin 4): Leave the VC pin floating or bypass to ground
with a 10pF capacitor. This optional 10pF capacitor reduces
HVOUT ripple in discontinuous mode.
NTC (Pin 5): Input to the NTC Thermistor Monitoring
Circuits. Under normal operation, tie a thermistor from
the NTC pin to ground and a resistor of equal value from
NTC to VNTC. When the voltage on this pin is above 0.74
• VVNTC (Cold, 0°C) or below 0.29 • VVNTC (Hot, 50°C)
the timer is suspended but not cleared, the charging is
disabled and the CHRG pin remains in its former state.
When the voltage on NTC comes back between 0.74 •
VVNTC and 0.29 • VVNTC, the timer continues where it
left off and charging is re-enabled if the battery voltage
is below the recharge threshold. There is approximately
3°C of temperature hysteresis associated with each of the
input comparators.
Connect the NTC pin to ground to disable this feature. This
will disable all of the LTC4089 NTC functions.
VNTC (Pin 6): Output Bias Voltage for NTC. A resistor from
this pin to the NTC pin will bias the NTC thermistor.
HVPR (Pin 7): High Voltage Present Output. Active low
open drain output pin. A low on this pin indicates that the
high voltage regulator has sufficient voltage to charge the
battery. This feature is disabled if no power is present on
HVIN, IN or BAT (i.e., below UVLO thresholds).
CHRG (Pin 8): Open-Drain Charge Status Output. When
the battery is being charged, the CHRG pin is pulled low by
an internal N-channel MOSFET. When the timer runs out or
the charge current drops below 10% of the programmed
charge current or the input supply is removed, the CHRG
pin is forced to a high impedance state.
PROG (Pin 9): Charge Current Program. Connecting a
resistor, RPROG, to ground programs the battery charge
current. The battery charge current is programmed
as follows:
IA
V
R
CHG
PROG
()
,
=
50 000
GATE (Pin 10): External ideal diode gate pin. This pin can
be used to drive the gate of an optional external PFET con-
nected between BAT (drain) and OUT (source). By doing
so, the impedance of the ideal diode between BAT and
OUT can be reduced. When not in use, this pin should be
left floating. It is important to maintain a high impedance
on this pin and minimize all leakage paths.
BAT (Pin 11): Connect to a single cell Li-Ion battery. This
pin is used as an output when charging the battery and as
an input when supplying power to OUT. When the OUT pin
potential drops below the BAT pin potential, an ideal diode
function connects BAT to OUT and prevents VOUT from
dropping more than 100mV below VBAT.Aprecisioninternal
resistor divider sets the final float (charging) potential on
this pin. The internal resistor divider is disconnected when
IN and HVIN are in undervoltage lockout.
IN (Pin 12): Input Supply. Connect to USB supply, VBUS.
Input current to this pin is limited to either 20% or 100%
of the current programmed by the CLPROG pin as de-
termined by the state of the HPWR pin. Charge current
(to the BAT pin) supplied through the input is set to the
current programmed by the PROG pin but will be limited
by the input current limit if charge current is set greater
than the input current limit.
PIN FUNCTIONS


Similar Part No. - LTC4089-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089-5 LINER-LTC4089-5 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4089-5 LINER-LTC4089-5 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results

Similar Description - LTC4089-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4088-1 LINER-LTC4088-1_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4088-2 LINER-LTC4088-2_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com