Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4089-5 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4089-5
Description  USB Power Manager with High Voltage Switching Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089-5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4089-5_15 Datasheet HTML 3Page - Linear Technology LTC4089-5_15 Datasheet HTML 4Page - Linear Technology LTC4089-5_15 Datasheet HTML 5Page - Linear Technology LTC4089-5_15 Datasheet HTML 6Page - Linear Technology LTC4089-5_15 Datasheet HTML 7Page - Linear Technology LTC4089-5_15 Datasheet HTML 8Page - Linear Technology LTC4089-5_15 Datasheet HTML 9Page - Linear Technology LTC4089-5_15 Datasheet HTML 10Page - Linear Technology LTC4089-5_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4089/LTC4089-5
7
40895fc
1ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
40895 G18
VBAT = 3.85V
IOUT = 100mA
1ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
40895 G19
VBAT = 3.85V
IOUT = 100mA
100μs/DIV
HPWR
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
40895 G20
VBAT = 3.85V
IOUT = 50mA
1ms/DIV
WALL
5V/DIV
VOUT
5V/DIV
IWALL
0.5A/DIV
IBAT
0.5A/DIV
40895 G21
VBAT = 3.85V
IOUT = 100mA
RPROG = 100k
1ms/DIV
WALL
5V/DIV
VOUT
5V/DIV
IWALL
0.5A/DIV
IBAT
0.5A/DIV
40895 G22
VBAT = 3.85V
IOUT = 100mA
RPROG = 100k
100μs/DIV
SUSP
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
40895 G23
VBAT = 3.85V
IOUT = 50mA
20μS/DIV
HVOUT
50mV/DIV
IOUT
0.5A/DIV
40895 G24
20μS/DIV
HVOUT
50mV/DIV
IL
0.5A/DIV
40895 G25
Input Connect Waveforms
TYPICAL PERFORMANCE CHARACTERISTICS
Input Disconnect Waveforms
Response to HPWR
Wall Connect Waveforms
Wall Disconnect Waveforms
Response to Suspend
High Voltage Regulator Load
Transient
High Voltage Regulator Load
Transient
TA = 25°C, unless otherwise specified.


Similar Part No. - LTC4089-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089-5 LINER-LTC4089-5 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4089-5 LINER-LTC4089-5 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results

Similar Description - LTC4089-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4088-1 LINER-LTC4088-1_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4088-2 LINER-LTC4088-2_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com