Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4066-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4066-1
Description  USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC4066-1_15 Datasheet HTML 1Page - Linear Technology LTC4066-1_15 Datasheet HTML 2Page - Linear Technology LTC4066-1_15 Datasheet HTML 3Page - Linear Technology LTC4066-1_15 Datasheet HTML 4Page - Linear Technology LTC4066-1_15 Datasheet HTML 5Page - Linear Technology LTC4066-1_15 Datasheet HTML 6Page - Linear Technology LTC4066-1_15 Datasheet HTML 7Page - Linear Technology LTC4066-1_15 Datasheet HTML 8Page - Linear Technology LTC4066-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC4066/LTC4066-1
5
4066fc
TYPICAL PERFORMANCE CHARACTERISTICS
Input Supply Current
vs Temperature
Input Supply Current vs
Temperature (Suspend Mode)
Battery Drain Current vs
Temperature (BAT Powers OUT,
No Load)
Input Current Limit vs
Temperature, HPWP = 5V
Input Current Limit vs
Temperature, HPWR = 0V
CLPROG Pin Voltage vs
Temperature
PROG Pin Voltage vs Temperatrue
VFLOAT Load Regulation
Battery Regulation (Float)
Voltage vs Temperature
TEMPERATURE (°C)
–50
0
100
300
400
500
50
900
4066 G01
200
0
–25
75
25
100
600
700
800
VIN = 5V
VBAT = 4.2V
RPROG = 100k
RCLPROG = 2k
TEMPERATURE (°C)
–50
0
10
20
30
40
60
–25
025
50
4066 G02
75
100
50
VIN = 5V
VBAT = 4.2V
RPROG = 100k
RCLPROG = 2k
SUSP = 5V
TEMPERATURE (°C)
–50
70
60
50
40
30
20
10
0
25
75
4066 G03
–25
0
50
100
VIN = 0V
VBAT = 4.2V
TEMPERATURE (°C)
–50
475
485
495
505
515
525
–25
025
50
4066 G04
75
100
VIN = 5V
VBAT = 3.7V
RPROG = 100k
RCLPROG = 2k
TEMPERATURE (°C)
–50
90
94
98
102
–25
0
25
50
4066 G05
75
106
110
92
96
100
104
108
100
VIN = 5V
VBAT = 3.7V
RPROG = 100k
RCLPROG = 2k
TEMPERATURE (°C)
–50
0
200
400
600
800
1200
–25
025
50
4066 G06
75
100
1000
VIN = 5V
RCLPROG = 2k
HPWR = 0V
HPWR = 5V
TEMPERATURE (°C)
–50
0.995
1.000
1.005
25
75
4066 G07
0.990
0.985
0.980
–25
0
50
1.010
1.015
1.020
100
VIN = 5V
RPROG = 100k
IBAT (mA)
0
4.000
4.050
4.100
4.150
4.200
4.300
250
500
750
1000
4066 G08
1250
1500
4.250
RPROG = 34k
TA = 25°C
LTC4066
LTC4066-1
TEMPERATURE (°C)
–50
4.160
25
75
4066 G09
4.140
4.120
4.100
4.080
–25
0
50
4.180
4.200
4.220
100
VIN = 5V
LTC4066
LTC4066-1


Similar Part No. - LTC4066-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4066-1 LINER-LTC4066-1 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results

Similar Description - LTC4066-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com