Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4066-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4066-1
Description  USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC4066-1_15 Datasheet HTML 1Page - Linear Technology LTC4066-1_15 Datasheet HTML 2Page - Linear Technology LTC4066-1_15 Datasheet HTML 3Page - Linear Technology LTC4066-1_15 Datasheet HTML 4Page - Linear Technology LTC4066-1_15 Datasheet HTML 5Page - Linear Technology LTC4066-1_15 Datasheet HTML 6Page - Linear Technology LTC4066-1_15 Datasheet HTML 7Page - Linear Technology LTC4066-1_15 Datasheet HTML 8Page - Linear Technology LTC4066-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC4066/LTC4066-1
1
4066fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
USB Power Controller and
Li-Ion Linear Charger with
Low Loss Ideal Diode
The LTC
®4066/LTC4066-1 are USB power managers and
Li-Ion battery chargers designed to work in portable
battery-powered applications. The parts control the total
current used by the USB peripheral for operation and
battery charging. The total input current can be limited
to 100mA, 500mA or “unlimited” (i.e., above 2A). Battery
charge current is automatically reduced such that the sum
of the load current and the charge current does not exceed
the programmed input current limit.
The LTC4066/LTC4066-1 include a standalone constant-
current/constant-voltage linear charger for single cell
Li-ion batteries. The float voltage applied to the battery
is held to a tight 0.8% tolerance, and charge current
is programmable using an external resistor to ground.
A programmable end-of-charge status output (CHRG)
indicates full charge. BAT pin charge and discharge cur-
rents can be monitored via an analog output (ISTAT). Total
charge time is programmable by an external capacitor to
ground. When the battery drops 100mV below the float
voltage, automatic recharging of the battery occurs. Also
featured is an NTC thermistor input used to monitor bat-
tery temperature while charging.
The LTC4066/LTC4066-1 are available in a 24-pin thin
profile (0.75mm) 4mm
×4mmQFNpackage.TheLTC4066
is also available in a 24-pin ultrathin profile (0.55mm)
4mm
× 4mm UTQFN package.
n Portable USB Devices
n GPS, Cameras, Broadband Wireless Modems
n Mulitple Input Chargers
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. PowerPath
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. *Protected by U.S. Patents including 6522118.
n Seamless Transition Between Input Power Sources:
Li-Ion Battery, USB and 5V Wall Adapter
n Low Loss (50mΩ) Ideal Diode Path from BAT to OUT
n Programmable Charge Current Detection (CHRG)
n Load Dependent Charging Guarantees USB Input
Current Compliance
n Analog Gas Gauge Function
n Charges Single Cell Li-Ion Batteries Directly from
USB Port
n Constant-Current/Constant-Voltage Operation with
Thermal Feedback to Maximize Charging Rate
Without Risk of Overheating*
n Selectable 100% or 20% Current Limit
(e.g., 500mA/100mA)
n Termination Timer Adapts to Actual Charge Current
n Preset 4.2V Charge Voltage with 0.8% Accuracy
(4.1V for LTC4066-1)
n NTC Thermistor Input for Temperature Qualified
Charging
n Thin Profile (0.75mm) 24-Lead 4mm
× 4mm
QFN Package
n Ultrathin Profile (0.55mm) 24-Lead 4mm
× 4mm
UTQFN Package (LTC4066 Only)
+
IN
VNTC
NTC
WALL
SHDN
SUSP
HPWR
CLDIS
OUT
4.7μF
510Ω
TO ADC FOR
GAS GAUGE
510Ω
4.7μF
TIMER PROG
LTC4066
CLPROG
GND
4066 TA01
TO LDOs,
REGs, ETC
BAT
CHRG
ACPR
POL
ISTAT
0.1μF
100k
2k
SUSPEND USB POWER
500mA/100mA SELECT
5V (NOM)
FROM USB
CABLE VBUS
2k
INPUT CURRENT
LIMIT DISABLE
ILOAD (mA)
0
300
400
600
500
IIN
400
4066 TA02
200
100
–100
0
100
200
300
600
500
IBAT
CHARGING
ILOAD
IBAT
(IDEAL DIODE)


Similar Part No. - LTC4066-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4066-1 LINER-LTC4066-1 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results

Similar Description - LTC4066-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com