Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4055-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4055-1
Description  USB Power Controller and Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4055-1_15 Datasheet HTML 6Page - Linear Technology LTC4055-1_15 Datasheet HTML 7Page - Linear Technology LTC4055-1_15 Datasheet HTML 8Page - Linear Technology LTC4055-1_15 Datasheet HTML 9Page - Linear Technology LTC4055-1_15 Datasheet HTML 10Page - Linear Technology LTC4055-1_15 Datasheet HTML 11Page - Linear Technology LTC4055-1_15 Datasheet HTML 12Page - Linear Technology LTC4055-1_15 Datasheet HTML 13Page - Linear Technology LTC4055-1_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4055/LTC4055-1
10
4055fb
BLOCK DIAGRAM
SOFT-START
ILIM CNTL
ENABLE
CHARGER
CC/CV REGULATOR
ENABLE
I/O SEL
0.25V
+
+
15
2COLD
NTC
BATTERY CHARGER
CURRENT LIMIT
2HOT
0.1V
NTC ENABLE
VNTC
ACPR
5
WALL
16
NTC
100k
100k
100k
+
1V
8
HPWR
11
PROG
1V
500mA/100mA
13
+
+
+
+
100k
9
3
2
CLPROG
1V
CURRENT CONTROL
CONTROL LOGIC
VOLTAGE DETECT
COUNTER
OSCILLATOR
TA
DIE
TEMP
105°C
4.35V
VR
SENSE
ILIM
ICHRG
SOFT-START2
2.8V
BATTERY
UVLO
4.1V
RECHARGE
(4.0V
LTC4055-1)
UVLO
IN1 OUT BAT
BAT UV
BAT UV
RECHRG
HOLD
RESET
NTCERR
CLK
+
+
6
7
SHDN
10
GND
SUSP
0.2Ω
0.2Ω
25mV IDEAL
DIODE
0.2Ω
OUT
4
IN1
IN1
OUT
BAT
IN2
VBUS
BAT
1
IN2
+
12
TIMER
14
CHRG
STOP
4055 BD


Similar Part No. - LTC4055-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
LTC4055 LINER-LTC4055 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC4055 LINER-LTC4055 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4055 LINER-LTC4055 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4055EUF LINER-LTC4055EUF Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
More results

Similar Description - LTC4055-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055 LINER-LTC4055_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com