Electronic Components Datasheet Search |
|
LTC4055 Datasheet(PDF) 5 Page - Linear Technology |
|
LTC4055 Datasheet(HTML) 5 Page - Linear Technology |
5 / 24 page LTC4055/LTC4055-1 5 4055fb TYPICAL PERFORMANCE CHARACTERISTICS Input Supply Current vs Temperature Input Supply Current vs Temperature (Suspend Mode) Battery Drain Current vs Temperature (BAT Powers OUT, No Load) Input Current Limit vs Temperature, HPWR = 5V Input Current Limit vs Temperature, HPWR = 0V RON vs Temperature PROG Pin Voltage vs Temperature CLPROG Pin Voltage vs Temperature Battery Regulated Output (Float) Voltage vs Temperature TEMPERATURE (°C) –50 –25 25 75 0 100 300 400 500 50 900 4055 G01 200 0 100 600 700 800 VIN = 5V VBAT = 4.2V RPROG = RCLPROG = 100k TEMPERATURE (°C) –50 0 10 20 30 40 60 –25 025 50 4055 G02 75 100 50 VIN = 5V VBAT = 4.2V RPROG = RCLPROG = 100k SUSP = 5V TEMPERATURE (°C) –50 70 60 50 40 30 20 10 0 25 75 4055 G03 –25 0 50 100 VIN = 0V VBAT = 4.2V TEMPERATURE (°C) –50 –25 465 485 515 0 50 75 4055 G04 475 505 495 25 100 125 VIN = 5V VBAT = 3.5V RPROG = RCLPROG = 100k TEMPERATURE (°C) –50 100.0 102.5 105.0 25 75 4055 G05 97.5 95.0 –25 0 50 100 125 92.5 90.0 VIN = 5V VBAT = 3.5V RPROG = RCLPROG = 100k TEMPERATURE (°C) –50 200 225 250 25 75 4055 G06 175 150 –25 0 50 100 125 125 100 ILOAD = 400mA VIN = 4.5V VIN = 5.5V VIN = 5V TEMPERATURE (°C) –50 0.995 1.000 1.005 25 75 4055 G07 0.990 0.985 0.980 –25 0 50 1.010 1.015 1.020 100 VIN = 5V RPROG = 100k TEMPERATURE (°C) –50 0.995 1.000 1.005 25 75 4055 G08 0.990 0.985 0.980 –25 0 50 1.010 1.015 1.020 100 VIN = 5V RCLPROG = 100k TEMPERATURE ( C) –50 25 75 4055 G09 4.2 4.1 4.0 4.3 –25 0 50 100 VIN = 5V LTC4055 LTC4055-1 |
Similar Part No. - LTC4055_15 |
|
Similar Description - LTC4055_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |