Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4055 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4055
Description  USB Power Controller and Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4055_15 Datasheet HTML 5Page - Linear Technology LTC4055_15 Datasheet HTML 6Page - Linear Technology LTC4055_15 Datasheet HTML 7Page - Linear Technology LTC4055_15 Datasheet HTML 8Page - Linear Technology LTC4055_15 Datasheet HTML 9Page - Linear Technology LTC4055_15 Datasheet HTML 10Page - Linear Technology LTC4055_15 Datasheet HTML 11Page - Linear Technology LTC4055_15 Datasheet HTML 12Page - Linear Technology LTC4055_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4055/LTC4055-1
9
4055fb
TIMER (Pin 12): TimerCapacitor.PlacingacapacitorCTIMER
to GND sets the timer period. The timer period is:
t
Hours
C
R
Hours
Fk
TIMER
TIMER
PROG
()
••
.•
=
μ
3
0 1
100
Charge time is increased as charge current is reduced due
to input voltage regulation, load current and current limit
selection (HPWR).
Shorting the TIMER pin to GND disables the battery
charging functions.
ACPR (Pin 13): Wall Adapter Present Output. Active low
open-drain output pin. A low on this pin indicates that the
wall adapter input comparator has had its input pulled
above the input threshold and power is present on IN1/IN2
or OUT (i.e., above UVLO threshold).
CHRG (Pin 14): Open-Drain Charge Status Output. When
the battery is being charged, the CHRG pin is pulled low
by an internal N-channel MOSFET. When the timer runs
out or the input supply or output supply is removed, the
CHRG pin is forced to a high impedance state.
PIN FUNCTIONS
VNTC (Pin 15): Output Bias Voltage for NTC. A resistor
from this pin to the NTC pin will set up the bias for an
NTC thermistor.
NTC (Pin 16): Input to the NTC Thermistor Monitoring
Circuits. Under normal operation, tie a thermistor from
the NTC pin to ground and a resistor of equal value from
NTC to VNTC. When the voltage on this pin is above 0.74
• VVNTC (Cold, 0°C) or below 0.29 • VVNTC (Hot, 50°C)
the timer is suspended, but not cleared, the charging is
disabled and the CHRG pin remains in its former state.
When the voltage on NTC comes back between 0.74 •
VVNTC and 0.29 • VVNTC, the timer continues where it
left off and charging is re-enabled if the battery voltage
is below the recharge threshold. There is approximately
3°C of temperature hysteresis associated with each of the
input comparators.
If the NTC function is not to be used, connect the NTC to
ground. This will disable all of the LTC4055/LTC4055-1
NTC functions.
Exposed Pad (Pin 17): Ground. The Exposed Pad must be
soldered to a good thermally conductive PCB ground.


Similar Part No. - LTC4055_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
More results

Similar Description - LTC4055_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4055-1 LINER-LTC4055-1_15 Datasheet
302Kb / 24P
   USB Power Controller and Li-Ion Charger
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
logo
Microsemi Corporation
LX2201 MICROSEMI-LX2201 Datasheet
172Kb / 11P
   USB Li-Ion Battery Charger
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com