Electronic Components Datasheet Search |
|
LTC4012-2 Datasheet(PDF) 5 Page - Linear Technology |
|
LTC4012-2 Datasheet(HTML) 5 Page - Linear Technology |
5 / 28 page 4012fa LTC4012/ LTC4012-1/LTC4012-2 Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC4012C is guaranteed to meet performance specifications over the 0°C to 85°C operating temperature range. The LTC4012I is guaranteed to meet performance specifications over the –40°C to 125°C operating temperature range. Note 3: Operating junction temperature TJ (in °C) is calculated from the ambient temperature TA and the total continuous package power dissipation PD (in watts) by the formula TJ = TA + (θJA • PD). Refer to the Applications Information section for details. Note 4: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to GND, unless otherwise specified. Note 5: Output current may be limited by internal power dissipation. Refer to the Applications Information section for details. test circuits – – – + 9 13 12 1.2085V 1.2085V TARGET PROG VFB ITH 40012 TC01 LTC4012 0.6V EA FROM ICL (CLP = CLN) – + LTC1055 – – – + 11 13 12 1.2085V TARGET VARIES WITH FVSO,1 PROG BAT ITH 40012 TC02 LTC4012-1 LTC4012-2 0.6V EA FROM ICL (CLP = CLN) – + LTC1055 electrical characteristics |
Similar Part No. - LTC4012-2_15 |
|
Similar Description - LTC4012-2_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |