Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4012-1
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC4012-1_15 Datasheet HTML 1Page - Linear Technology LTC4012-1_15 Datasheet HTML 2Page - Linear Technology LTC4012-1_15 Datasheet HTML 3Page - Linear Technology LTC4012-1_15 Datasheet HTML 4Page - Linear Technology LTC4012-1_15 Datasheet HTML 5Page - Linear Technology LTC4012-1_15 Datasheet HTML 6Page - Linear Technology LTC4012-1_15 Datasheet HTML 7Page - Linear Technology LTC4012-1_15 Datasheet HTML 8Page - Linear Technology LTC4012-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image

4012fa
LTC4012/
LTC4012-1/LTC4012-2
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Charge Voltage Regulation
VTOL
VBAT Accuracy (See Test Circuits)
LTC4012
C-Grade
I-Grade
l
l
–0.5
–0.8
–1.0
0.5
0.8
1.0
%
%
%
LTC4012-1/LTC4012-2
C-Grade
FVS1 = 0V, FVS0 = 0V, I-Grade
FVS1 = 0V, FVS1 = 5V, I-Grade
FVS1 = 5V, FVS0 = 0V, I-Grade
FVS1 = 5V, FVS1 = 5V, I-Grade
l
l
l
l
l
–0.6
–0.8
–1.1
–1.15
–1.25
–1.35
0.6
0.8
1.1
1.15
1.25
1.35
%
%
%
%
%
%
IVFB
VFB Input Bias Current
VFB = 1.2V
±20
nA
RON
FBDIV On Resistance
ILOAD = 100µA
l
85
190
Ω
ILEAK-FBDIV FBDIV Output Leakage Current
SHDN = 0V, FBDIV = 0V
l
–1
0
1
µA
VBOV
VFB Overvoltage Threshold
LTC4012
l
1.235
1.281
1.32
V
BAT Overvoltage Threshold
LTC4012-1/LTC4012-2, Relative to
Selected Output Voltage
l
103
106
109
%
Charge Current Regulation
ITOL
Charge Current Accuracy with RIN = 3.01k,
6V < BAT < 18V (LTC4012)
6V < BAT < 15V (LTC4012-1, LTC4012-2)
RPROG = 26.7k
C-Grade
I-Grade
l
l
–4
–5
–9.5
4
5
9.5
%
%
%
VSENSE = 0mV, PROG = 1.2V
–12.75
–11.67
–10.95
µA
AI
Current Sense Amplifier Gain (PROG ∆I) with
RIN = 3.01k, 6V < BAT < 18V (LTC4012)
6V < BAT < 15V (LTC4012-1, LTC4012-2)
VSENSE Step from 0mV to 5mV,
PROG = 1.2V
–1.78
–1.66
–1.54
µA
VCS-MAX
Maximum Peak Current Sense Threshold Voltage
per Cycle (RIN = 3.01k)
ITH = 2V, C-Grade
ITH = 2V, I-Grade
ITH = 5V
l
l
l
140
125
195
325
250
265
430
mV
mV
mV
VC10
C/10 Indicator Threshold Voltage
PROG Falling
340
400
460
mV
VREV
Reverse Current Threshold Voltage
PROG Falling
180
253
295
mV
Input Current Regulation
VCL
Current Limit Threshold
CLP – CLN
C-Grade
I-Grade
l
l
97
96
92
100
100
103
104
108
mV
mV
mV
ICLN
CLN Input Bias Current
CLN = CLP
±100
nA
VICL
ICL Indicator Threshold
(CLP – CLN) – VCL
–8
–5
–2
mV
CLP Supply
OVR
Operating Voltage Range
6
28
V
VUVLO
CLP Undervoltage Lockout Threshold
CLP Increasing
l
4.65
4.85
5.25
V
VUV(HYST)
UVLO Threshold Hysteresis
200
mV
ICLPO
CLP Operating Current
CLP = 20V, No Gate Loads
2
3
mA
Shutdown
VACP
AC Present Threshold Voltage
DCIN – BAT, DCIN Rising
C-Grade
I-Grade
l
l
350
300
500
650
700
mV
mV
VACP(HYST) ACP Threshold Hysteresis Voltage
200
mV
VIL
SHDN Input Voltage Low
l
300
mV
VIH
SHDN Input Voltage High
l
1.4
V


Similar Part No. - LTC4012-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012-1 LINER-LTC4012-1 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LTC4012-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com