Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4012
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4012_15 Datasheet HTML 7Page - Linear Technology LTC4012_15 Datasheet HTML 8Page - Linear Technology LTC4012_15 Datasheet HTML 9Page - Linear Technology LTC4012_15 Datasheet HTML 10Page - Linear Technology LTC4012_15 Datasheet HTML 11Page - Linear Technology LTC4012_15 Datasheet HTML 12Page - Linear Technology LTC4012_15 Datasheet HTML 13Page - Linear Technology LTC4012_15 Datasheet HTML 14Page - Linear Technology LTC4012_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image

4012fa
LTC4012/
LTC4012-1/LTC4012-2
block DiagraM (LTC4012-1/LTC4012-2)
+
19
EA
R1
TO INTERNAL
CIRCUITS
TO
INTERNAL
CIRCUITS
CC
+
CA
1.2085V
REFERENCE
5V
REGULATOR
PWM
LOGIC
Output
Voltage
Select
FAULT
DETECTION
C/10
DETECTION
SHUTDOWN
CONTROL
OSCILLATOR
BAT
FVS0
FVS1
SHUTDOWN
CHARGE
INPUT
CURRENT
LIMIT
TGATE
20
BOOST
12
ITH
13
PROG
14
CSN
15
CSP
18
SW
P
GND
(PADDLE)
4012 BD02
16
BGATE
17
INTVDD
TO
INTERNAL
CIRCIUTS
CHRG
7
10
9
11
5
ACP
6
SHDN
ICL
8
CLP
CLN
2
1
INFET
3
DCIN
4
+
IF
VFB


Similar Part No. - LTC4012_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012-1 LINER-LTC4012-1 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LTC4012_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com