Electronic Components Datasheet Search |
|
LTC4009 Datasheet(PDF) 4 Page - Linear Technology |
|
LTC4009 Datasheet(HTML) 4 Page - Linear Technology |
4 / 28 page LTC4009 LTC4009-1/LTC4009-2 4009fd elecTrical characTerisTics The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted. (Note 2) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VIH SHDN Input Voltage High l 1.4 V RIN SHDN Pull-Down Resistance 50 k Ω IDCS DCIN Shutdown Current SHDN = 0V 215 µA ICLPS CLP Shutdown Current CLP = 12V, SHDN = 0V or DCDIV = 0V l 9 18 µA ILEAK-BAT BAT Leakage Current SHDN = 0V or DCDIV = 0V, 0V ≤ CSP = CSN = BAT ≤ 20V l –1.5 0 1.5 µA ILEAK-CSN CSN Leakage Current SHDN = 0V or DCDIV = 0V, 0V ≤ CSP = CSN = BAT ≤ 20V l –1.5 0 1.5 µA ILEAK-CSP CSP Leakage Current SHDN = 0V or DCDIV = 0V, 0V ≤ CSP = CSN = BAT ≤ 20V l –1.5 0 1.5 µA ILEAK-SW SW Leakage Current SHDN = 0V or DCDIV = 0V, 0V ≤ SW ≤ 20V l –1 0 2 µA INTVDD Regulator INTVDD Output Voltage No Load l 4.85 5 5.15 V ∆VDD Load Regulation IDD = 20mA –0.4 –1 % IDD Short-Circuit Current (Note 6) INTVDD = 0V 50 85 130 mA Switching Regulator VCE Charge Enable Threshold Voltage CLP – BAT, CLP Rising C-Grade I-Grade l l 65 60 100 135 140 mV mV IITH ITH Current ITH = 1.4V –40/+90 µA fTYP Typical Switching Frequency 467 550 633 kHz fMIN Minimum Switching Frequency CLOAD = 3.3nF 20 25 kHz DCMAX Maximum Duty Cycle CLOAD = 3.3nF 98 99 % tR-TG TGATE Rise Time CLOAD = 3.3nF, 10% – 90% 60 110 ns tF-TG TGATE Fall Time CLOAD = 3.3nF, 90% – 10% 50 110 ns tR-BG BGATE Rise Time CLOAD = 3.3nF, 10% – 90% 60 110 ns tF-BG BGATE Fall Time CLOAD = 3.3nF, 90% – 10% 60 110 ns tNO TGATE, BGATE Non-Overlap Time CLOAD = 3.3nF, 10% – 10% 110 ns Float Voltage Select Inputs (LTC4009-1/LTC4009-2 Only) VIL Input Voltage Low 0.5 V VIH Input Voltage High 3.5 V IIN Input Current 0V ≤ VIN ≤ 5V –10 10 µA Indicator Outputs VOL Output Voltage Low ILOAD = 100µA, PROG = 1.2V 500 mV ILEAK Output Leakage SHDN = 0V, DCDIV = 0V, VOUT = 20V l –10 10 µA IC10 CHRG C/10 Current Sink CHRG = 2.5V l 15 25 38 µA Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC4009C is guaranteed to meet performance specifications over the 0°C to 85°C operating temperature range. The LTC4009I is guaranteed to meet performance specifications over the –40°C to 125°C operating temperature range. Note 3: Operating junction temperature TJ (in °C) is calculated from the ambient temperature TA and the total continuous package power dissipation PD (in watts) by the formula TJ = TA + (θJA • PD). Refer to the Applications Information section for details. Note 4: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to GND, unless otherwise specified. Note 5: This threshold is guaranteed to be satisfied if CLP = DCIN when the LTC4009 exits shutdown. Note 6: Output current may be limited by internal power dissipation. Refer to the Applications Information section for details. |
Similar Part No. - LTC4009_15 |
|
Similar Description - LTC4009_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |