Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4009 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4009
Description  High Efficiency, Multi-Chemistry Battery Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4009_15 Datasheet HTML 4Page - Linear Technology LTC4009_15 Datasheet HTML 5Page - Linear Technology LTC4009_15 Datasheet HTML 6Page - Linear Technology LTC4009_15 Datasheet HTML 7Page - Linear Technology LTC4009_15 Datasheet HTML 8Page - Linear Technology LTC4009_15 Datasheet HTML 9Page - Linear Technology LTC4009_15 Datasheet HTML 10Page - Linear Technology LTC4009_15 Datasheet HTML 11Page - Linear Technology LTC4009_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC4009
LTC4009-1/LTC4009-2

4009fd
pin FuncTions
FVS0 (Pin 9, LTC4009-1/LTC4009-2): Battery Voltage
Select Input (LSB). This pin is one of two pins used on the
LTC4009-1orLTC4009-2toselectoneoffourpresetbattery
voltages. Selection is done by connecting to either GND or
INTVDD. Operating voltage range is GND to INTVDD.
VFB(Pin10,LTC4009):BatteryVoltageFeedbackInput.An
external resistor divider between FBDIV and GND with the
center tap connected to VFB programs the charger output
voltage. In constant voltage mode, this pin is nominally
at 1.2085V. Refer to the Applications Information section
forcompletedetailsonprogrammingbatteryfloatvoltage.
Operating voltage range is GND to 1.25V.
FVS1 (Pin 10, LTC4009-1/LTC4009-2): Battery Voltage
Select Input (MSB). This pin is one of two pins used on
the LTC4009-1 or LTC4009-2 to select one of four preset
battery voltages. Selection is done by connecting to
either GND or INTVDD. Operating voltage range is GND
to INTVDD.
BAT (Pin 11): Battery Pack Connection. The LTC4009 uses
the voltage on this pin to control PWM operation when
charging. Operating voltage range is GND to CLN.
ITH (Pin 12): PWM Control Voltage and Compensation
Node. The LTC4009 develops a voltage on this pin to
control cycle-by-cycle peak inductor current. An external
R-C network connected to ITH provides PWM loop com-
pensation. Refer to the Applications Information section
for further details on establishing loop stability. Operating
voltage range is GND to INTVDD.
PROG(Pin13):ChargeCurrentProgrammingandMonitor-
ing Pin. An external resistance connected between PROG
and GND, along with the current sense and PWM input
resistors, programs the maximum charge current. The
voltage on this pin can also provide a linearized indicator
of charge current. Refer to the Applications Information
section for complete details on current programming and
monitoring. Operating voltage range is GND to INTVDD.
CSN (Pin 14): Charge Current Sense Negative In-
put. Place an external input resistor (RIN, Figure 1)
between this pin and the negative side of the charge
current sense resistor. Operating voltage ranges from
(BAT – 50mV) to (BAT + 200mV).
CSP (Pin 15): Charge Current Sense Positive Input.
Place an external input resistor (RIN, Figure 1) be-
tween this pin and the positive side of the charge
current sense resistor. Operating voltage ranges from
(BAT – 50mV) to (BAT + 200mV).
BGATE (Pin 16): External Synchronous NFET Gate Control
Output.ThisoutputprovidesgatedrivetoanexternalNMOS
powertransistorswitchusedforsynchronousrectification
to increase efficiency in the step-down DC/DC converter.
Operating voltage is GND to INTVDD. BGATE should be
left floating if not used.
INTVDD (Pin 17): Internal 5V Regulator Output. This pin
provides a means of bypassing the internal 5V regulator
used to power the LTC4009 PWM FET drivers. This supply
shuts down when the LTC4009 shuts down. Refer to the
Application Information section for details if additional
power is drawn from this pin by the application circuit.
SW (Pin 18): PWM Switch Node. The LTC4009 uses the
voltage on this pin as the source reference for its topside
NFET (PWM switch) driver. Refer to the Applications In-
formation section for additional PCB layout suggestions
related to this critical circuit node. Operating voltage range
is GND to CLN.
TGATE(Pin19):ExternalNFETSwitchGateControlOutput.
ThisoutputprovidesgatedrivetoanexternalNMOSpower
transistor switch used in the DC/DC converter. Operating
voltage range is GND to (CLN + 5V).
BOOST (Pin 20): TGATE Driver Supply Input. A bootstrap
capacitor is returned to this pin from a charge network
connected to SW and INTVDD. Refer to the Applications
Information section for complete details on circuit topol-
ogyandcomponentvalues.Operatingvoltagerangesfrom
(INTVDD – 1V) to (CLN + 5V).
GND (Exposed Pad Pin 21): Ground. The package paddle
provides a single-point ground for the internal voltage
reference and other critical LTC4009 circuits. It must be
soldered to a suitable PCB copper ground pad for proper
electrical operation and to obtain the specified package
thermal resistance.


Similar Part No. - LTC4009_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009-1 LINER-LTC4009-1 Datasheet
305Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results

Similar Description - LTC4009_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com