Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR40U60CTBQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR40U60CTBQ
Description  SUPER BARRIER RECTIFIER 40A SBR짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR40U60CTBQ Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR40U60CTBQ Datasheet HTML 1Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 2Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 3Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 4Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 5Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR40U60CTBQ
Document number: DS35974 Rev. 2 - 2
3 of 6
www.diodes.com
May 2013
© Diodes Incorporated
SBR40U60CTBQ
0
102030
40
50
60
100,000
10,000
1,000
100
10
Figure 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
10
15
20
25
Figure 4 Forward Current Derating Curve
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
0
0
5
100,000
0
5
10
15
20
25
30
35
40
10,000
1,000
100
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
0
6
12
18
24
30
36
42
48
54
60
Figure 6 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R
100
125
150
50
75
0
25
50
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (°C)
Figure 7 Pulse Derating Curve
J
0
25
75
175 200
100
125
0
100,000
10,000
1,000
100
0.01
0.1
1
10
100
1,000
T , PULSE DURATION (µS)
P
Figure 8 Maximum Avalanche Power Curve, Per Element


Similar Part No. - SBR40U60CTBQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR40U60CT ETC1-SBR40U60CT Datasheet
77Kb / 2P
   Super barrier rectifier
logo
Diodes Incorporated
SBR40U60CTE DIODES-SBR40U60CTE Datasheet
84Kb / 4P
   Ultra Low Forward Voltage Drop
SBR40U60CTE-G DIODES-SBR40U60CTE-G Datasheet
84Kb / 4P
   Ultra Low Forward Voltage Drop
More results

Similar Description - SBR40U60CTBQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR40U200CTB DIODES-SBR40U200CTB Datasheet
93Kb / 4P
   40A SBR짰 SUPER BARRIER RECTIFIER
SBR40U300CT DIODES-SBR40U300CT Datasheet
144Kb / 3P
   40A SBR짰 Super Barrier Rectifier
SBR40U300CT Rev. 1 - 2
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com