Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR40U60CTBQ Datasheet(PDF) 6 Page - Diodes Incorporated

Part # SBR40U60CTBQ
Description  SUPER BARRIER RECTIFIER 40A SBR짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR40U60CTBQ Datasheet(HTML) 6 Page - Diodes Incorporated

  SBR40U60CTBQ Datasheet HTML 1Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 2Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 3Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 4Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 5Page - Diodes Incorporated SBR40U60CTBQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR40U60CTBQ
Document number: DS35974 Rev. 2 - 2
6 of 6
www.diodes.com
May 2013
© Diodes Incorporated
SBR40U60CTBQ
IMPORTANT NOTICE
DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE
(AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION).
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the
application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or
trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume
all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated
website, harmless against all damages.
Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel.
Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and
hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or
indirectly, any claim of personal injury or death associated with such unintended or unauthorized application.
Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings
noted herein may also be covered by one or more United States, international or foreign trademarks.
This document is written in English but may be translated into multiple languages for reference. Only the English version of this document is the
final and determinative format released by Diodes Incorporated.
LIFE SUPPORT
Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express
written approval of the Chief Executive Officer of Diodes Incorporated. As used herein:
A. Life support devices or systems are devices or systems which:
1. are intended to implant into the body, or
2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the
labeling can be reasonably expected to result in significant injury to the user.
B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and
acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any
use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related
information or support that may be provided by Diodes Incorporated.
Further, Customers must fully indemnify Diodes Incorporated and its
representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems.
Copyright © 2013, Diodes Incorporated
www.diodes.com


Similar Part No. - SBR40U60CTBQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR40U60CT ETC1-SBR40U60CT Datasheet
77Kb / 2P
   Super barrier rectifier
logo
Diodes Incorporated
SBR40U60CTE DIODES-SBR40U60CTE Datasheet
84Kb / 4P
   Ultra Low Forward Voltage Drop
SBR40U60CTE-G DIODES-SBR40U60CTE-G Datasheet
84Kb / 4P
   Ultra Low Forward Voltage Drop
More results

Similar Description - SBR40U60CTBQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR40U200CTB DIODES-SBR40U200CTB Datasheet
93Kb / 4P
   40A SBR짰 SUPER BARRIER RECTIFIER
SBR40U300CT DIODES-SBR40U300CT Datasheet
144Kb / 3P
   40A SBR짰 Super Barrier Rectifier
SBR40U300CT Rev. 1 - 2
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com